Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1460MHS8-5-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1460MHS8-5-PBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460MHS8-5-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1460MHS8-5-PBF Datasheet HTML 3Page - Linear Technology LT1460MHS8-5-PBF Datasheet HTML 4Page - Linear Technology LT1460MHS8-5-PBF Datasheet HTML 5Page - Linear Technology LT1460MHS8-5-PBF Datasheet HTML 6Page - Linear Technology LT1460MHS8-5-PBF Datasheet HTML 7Page - Linear Technology LT1460MHS8-5-PBF Datasheet HTML 8Page - Linear Technology LT1460MHS8-5-PBF Datasheet HTML 9Page - Linear Technology LT1460MHS8-5-PBF Datasheet HTML 10Page - Linear Technology LT1460MHS8-5-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT1460

1460fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Noise (Note 7)
LT1460A, LT1460B, LT1460C, LT1460D, LT1460E,
LT1460F, LT1460G, LT1460H, LT1460L, LT1460M
LT1460-2.5
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
10
10
µVP-P
µVRMS
LT1460-5
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
20
20
µVP-P
µVRMS
LT1460-10
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
40
35
µVP-P
µVRMS
LT1460HC, LT1460JC, LT1460KC
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
4
4
ppm (P-P)
ppm (RMS)
Long-Term Stability of Output Voltage (Note 8)
S8 Pkg
40
ppm/√kHr
LT1460HC, LT1460JC, LT1460KC
100
ppm/√kHr
Hysteresis (Note 9)
LT1460A, LT1460B, LT1460C, LT1460D, LT1460E,
LT1460F, LT1460G, LT1460H, LT1460L, LT1460M
ΔT = 0°C to 70°C
ΔT = –40°C to 85°C
25
160
ppm
ppm
LT1460HC, LT1460JC, LT1460KC
ΔT = 0°C to 70°C
ΔT = –40°C to 85°C
l
l
50
250
ppm
ppm
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: If the part is stored outside of the specified temperature range, the
output may shift due to hysteresis.
Note 3: Temperature coefficient is measured by dividing the change in
output voltage by the specified temperature range. Incremental slope is
also measured at 25°C.
Note 4: Load regulation is measured on a pulse basis from no load to the
specified load current. Output changes due to die temperature change
must be taken into account separately.
Note 5: Thermal regulation is caused by die temperature gradients created
by load current or input voltage changes. This effect must be added to
normal line or load regulation. This parameter is not 100% tested.
Note 6: Excludes load regulation errors. For LT1460S3,
ΔVOUT ≤ 0.2%. For
all other packages,
ΔVOUT ≤ 0.1%.
Note 7: Peak-to-peak noise is measured with a single highpass filter at
0.1Hz and 2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air
environment to eliminate thermocouple effects on the leads. The test time
is 10 sec. RMS noise is measured with a single highpass filter at 10Hz and
a 2-pole lowpass filter at 1kHz. The resulting output is full wave rectified
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 2.5V, IOUT = 0 unless otherwise specified.
and then integrated for a fixed period, making the final reading an average
as opposed to RMS. A correction factor of 1.1 is used to convert from
average to RMS and a second correction of 0.88 is used to correct for the
nonideal pass band of the filters.
Note 8: Long-term stability typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one third that of the first thousand hours with a continuing trend toward
reduced drift with time. Significant improvement in long-term drift can
be realized by preconditioning the IC with a 100 hour to 200 hour, 125°C
burn-in. Long-term stability will also be affected by differential stresses
between the IC and the board material created during board assembly. See
PC Board Layout in the Applications Information section.
Note 9: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25°C, but the IC is
cycled to 85°C or –40°C before successive measurements. Hysteresis
is roughly proportional to the square of the temperature change. For
instruments that are stored at reasonably well-controlled temperatures
(within 20 or 30 degrees of operating temperature) hysteresis is generally
not a problem.
Note 10: The LT1460S3 is guaranteed functional over the operating
temperature range of –40° to 85°C.
electrical characteristics


Similar Part No. - LT1460MHS8-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460MHS8-5 LINER-LT1460MHS8-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
LT1460MHS8-5 LINER-LT1460MHS8-5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460MHS8-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com