Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1766IFE-5-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LT1766IFE-5-TR
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766IFE-5-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1766IFE-5-TR Datasheet HTML 4Page - Linear Technology LT1766IFE-5-TR Datasheet HTML 5Page - Linear Technology LT1766IFE-5-TR Datasheet HTML 6Page - Linear Technology LT1766IFE-5-TR Datasheet HTML 7Page - Linear Technology LT1766IFE-5-TR Datasheet HTML 8Page - Linear Technology LT1766IFE-5-TR Datasheet HTML 9Page - Linear Technology LT1766IFE-5-TR Datasheet HTML 10Page - Linear Technology LT1766IFE-5-TR Datasheet HTML 11Page - Linear Technology LT1766IFE-5-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LT1766/LT1766-5
8
1766fc
PIN FUNCTIONS
BLOCK DIAGRAM
VIN (Pin 4): This is the collector of the on-chip power NPN
switch. VIN powers the internal control circuitry when a
voltage on the BIAS pin is not present. High dI/dt edges
occur on this pin during switch turn on and off. Keep
the path short from the VIN pin through the input bypass
capacitor, through the catch diode back to SW. All trace
inductance on this path will create a voltage spike at switch
off, adding to the VCE voltage across the internal NPN.
BOOST (Pin 6): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch. Without this added voltage, the typical
switch voltage loss would be about 1.5V. The additional
BOOST voltage allows the switch to saturate and voltage
loss approximates that of a 0.2Ω FET structure, but with
much smaller die area.
BIAS (Pin 10): The BIAS pin is used to improve efficiency
when operating at higher input voltages and light load cur-
rent. Connecting this pin to the regulated output voltage
forces most of the internal circuitry to draw its operating
current from the output voltage rather than the input supply.
This architecture increases efficiency especially when the
input voltage is much higher than the output. Minimum
output voltage setting for this mode of operation is 3V.
VC (Pin 11) The VC pin is the output of the error amplifier
and the input of the peak switch current comparator. It is
normally used for frequency compensation, but can also
serve as a current clamp or control loop override. VC sits
at about 0.9V for light loads and 2.1V at maximum load.
It can be driven to ground to shut off the regulator, but if
driven high, current must be limited to 4mA.
FB/SENSE (Pin 12): The feedback pin is used to set the
output voltage using an external voltage divider that gener-
ates 1.22V at the pin for the desired output voltage. The
5V fixed output voltage parts have the divider included on
the chip and the FB pin is used as a SENSE pin, connected
directly to the 5V output. Three additional functions are
performed by the FB pin. When the pin voltage drops below
0.6V, switch current limit is reduced and the external SYNC
function is disabled. Below 0.8V, switching frequency is
also reduced. See Feedback Pin Functions in Applications
Information for details.
SYNC (Pin 14): The SYNC pin is used to synchronize the
internal oscillator to an external signal. It is directly logic
compatible and can be driven with any signal between 10%
and 90% duty cycle. The synchronizing range is equal to
initial operating frequency up to 700kHz. See Synchroniz-
ing in Applications Information for details.
SHDN (Pin 15): The SHDN pin is used to turn off the
regulator and to reduce input drain current to a few mi-
croamperes. This pin has two thresholds: one at 2.38V to
disable switching and a second at 0.4V to force complete
micropower shutdown. The 2.38V threshold functions
as an accurate undervoltage lockout (UVLO); sometimes
used to prevent the regulator from delivering power until
the input voltage has reached a predetermined level.
If the SHDN pin functions are not required, the pin can
either be left open (to allow an internal bias current to lift
the pin to a default high state) or be forced high to a level
not to exceed 6V.
The LT1766 is a constant frequency, current mode buck
converter. This means that there is an internal clock and
two feedback loops that control the duty cycle of the power
switch. In addition to the normal error amplifier, there is a
current sense amplifier that monitors switch current on a
cycle-by-cycle basis. A switch cycle starts with an oscillator
pulse which sets the RSflip-floptoturntheswitchon.When
switch current reaches a level set by the inverting input of
the comparator, the flip-flop is reset and the switch turns
off. Output voltage control is obtained by using the output
of the error amplifier to set the switch current trip point.
This technique means that the error amplifier commands
current to be delivered to the output rather than voltage.
A voltage fed system will have low phase shift up to the
resonant frequency of the inductor and output capacitor,
then an abrupt 180° shift will occur. The current fed system


Similar Part No. - LT1766IFE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766IFE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com