Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2480IMS-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2480IMS-TRPBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480IMS-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2480IMS-TRPBF Datasheet HTML 2Page - Linear Technology LTC2480IMS-TRPBF Datasheet HTML 3Page - Linear Technology LTC2480IMS-TRPBF Datasheet HTML 4Page - Linear Technology LTC2480IMS-TRPBF Datasheet HTML 5Page - Linear Technology LTC2480IMS-TRPBF Datasheet HTML 6Page - Linear Technology LTC2480IMS-TRPBF Datasheet HTML 7Page - Linear Technology LTC2480IMS-TRPBF Datasheet HTML 8Page - Linear Technology LTC2480IMS-TRPBF Datasheet HTML 9Page - Linear Technology LTC2480IMS-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LTC2480
6
2480fc
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 2.7V to 5.5V unless otherwise specified.
VREFCM = VREF/2, FS = 0.5VREF/GAIN
VIN = IN+ – IN, VIN(CM) = (IN+ + IN)/2
Note 4: Use internal conversion clock or external conversion clock source
with fEOSC = 307.2kHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: 50Hz mode (internal oscillator) or fEOSC = 256kHz ±2% (external
oscillator).
Note 8: 60Hz mode (internal oscillator) or fEOSC = 307.2kHz ±2% (external
oscillator).
Note 9: Simultaneous 50Hz/60Hz mode (internal oscillator) or fEOSC =
280kHz ±2% (external oscillator).
Note 10: The SCK can be configured in external SCK mode or internal SCK
mode. In external SCK mode, the SCK pin is used as digital input and the
driving clock is fESCK. In internal SCK mode, the SCK pin is used as digital
output and the output clock signal during the data output is fISCK.
Note 11: The external oscillator is connected to the fO pin. The external
oscillator frequency, fEOSC, is expressed in kHz.
Note 12: The converter uses the internal oscillator.
Note 13: The output noise includes the contribution of the internal
calibration operations.
Note 14: Guaranteed by design and test correlation.
Note 15: Refer to Applications Information section for performance vs
data rate graphs.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tLESCK
External SCK Low Period
(Note 10)
l
125
ns
tHESCK
External SCK High Period
(Note 10)
l
125
ns
tDOUT_ISCK
Internal SCK 24-Bit Data Output Time
Internal Oscillator (Notes 10, 12)
l
0.61
0.625
0.64
ms
External Oscillator (Notes 10, 11)
l
192/fEOSC (in kHz)
ms
tDOUT_ESCK
External SCK 24-Bit Data Output Time
(Note 10)
l
24/fESCK (in kHz)
ms
t1
CS↓ to SDO Low
l
0
200
ns
t2
CS↑ to SDO High Z
l
0
200
ns
t3
CS↓ to SCK↓
Internal SCK Mode
l
0
200
ns
t4
CS↓ to SCK↑
External SCK Mode
l
50
ns
tKQMAX
SCK
↓ to SDO Valid
l
200
ns
tKQMIN
SDO Hold After SCK
(Note 5)
l
15
ns
t5
SCK Set-Up Before CS
l
50
ns
t6
SCK Hold After CS
l
50
ns
t7
SDI Setup Before SCK
(Note 5)
l
100
ns
t8
SDI Hold After SCK
(Note 5)
l
100
ns


Similar Part No. - LTC2480IMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480IDD LINER-LTC2480IDD Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
More results

Similar Description - LTC2480IMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com