Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2600IUFDPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2600IUFDPBF
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2600IUFDPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2600IUFDPBF Datasheet HTML 6Page - Linear Technology LTC2600IUFDPBF Datasheet HTML 7Page - Linear Technology LTC2600IUFDPBF Datasheet HTML 8Page - Linear Technology LTC2600IUFDPBF Datasheet HTML 9Page - Linear Technology LTC2600IUFDPBF Datasheet HTML 10Page - Linear Technology LTC2600IUFDPBF Datasheet HTML 11Page - Linear Technology LTC2600IUFDPBF Datasheet HTML 12Page - Linear Technology LTC2600IUFDPBF Datasheet HTML 13Page - Linear Technology LTC2600IUFDPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2600/LTC2610/LTC2620
10
2600fe
GND (Pin 1/Pin 20): Analog Ground.
VOUTA to VOUTH (Pins 2-5 and 12-15/Pins 1-48 and
13-16): DAC Analog Voltage Outputs. The output range
is 0 – VREF.
REF (Pin 6/Pin 5): Reference Voltage Input. 0V ≤ VREF
≤ VCC.
CS/LD (Pin 7/Pin 7): Serial Interface Chip Select/Load
Input. When CS/LD is low, SCK is enabled for shifting
data on SDI into the register. When CS/LD is taken high,
SCK is disabled and the specified command (see Table 1)
is executed.
SCK (Pin 8/Pin 8): Serial Interface Clock Input. CMOS
and TTL compatible.
SDI (Pin 9/Pin 9): Serial Interface Data Input. Data is ap-
plied to SDI for transfer to the device at the rising edge
of SCK. The LTC2600, LTC2610 and LTC2620 accept input
word lengths of either 24 or 32 bits.
SDO (Pin 10/Pin 10): Serial Interface Data Output. This pin
is used for daisychain operation. The serial output of the
shift register appears at the SDO pin. The data transferred
to the device via the SDI pin is delayed 32 SCK rising
edges before being output at the next falling edge. SDO
is an active output and does not go high impedance, even
when CS/LD is taken to a logic high level.
CLR (Pin 11/Pin 11): Asynchronous Clear Input. A logic
low at this level-triggered input clears all registers and
causes the DAC voltage outputs to drop to 0V. CMOS and
TTL compatible.
VCC (Pin 16/Pin 17): Supply Voltage Input. 2.5V ≤ VCC
≤ 5.5V.
DNC (Pins 6, 12, 18, 19 UFD Only): Do Not Connect.
Exposed Pad (Pin 21 UFD Only): Ground. The exposed
pad must be soldered to the PCB.
PIN FUNCTIONS (GN/UFD)


Similar Part No. - LTC2600IUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2600IGN LINER-LTC2600IGN Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2600IUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_09 Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
   Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com