Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1766IGN-5-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT1766IGN-5-TR
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766IGN-5-TR Datasheet(HTML) 4 Page - Linear Technology

  LT1766IGN-5-TR Datasheet HTML 1Page - Linear Technology LT1766IGN-5-TR Datasheet HTML 2Page - Linear Technology LT1766IGN-5-TR Datasheet HTML 3Page - Linear Technology LT1766IGN-5-TR Datasheet HTML 4Page - Linear Technology LT1766IGN-5-TR Datasheet HTML 5Page - Linear Technology LT1766IGN-5-TR Datasheet HTML 6Page - Linear Technology LT1766IGN-5-TR Datasheet HTML 7Page - Linear Technology LT1766IGN-5-TR Datasheet HTML 8Page - Linear Technology LT1766IGN-5-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LT1766/LT1766-5
4
1766fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (VREF)
5.5V ≤ VIN ≤ 60V
VOL + 0.2 ≤ VC ≤ VOH – 0.2
l
1.204
1.175
1.219
1.234
1.265
V
V
FB Input Bias Current
l
–0.5
–1.5
μA
Error Amp Voltage Gain
(Notes 2, 9)
200
400
V/V
Error Amp gm
dl (VC) = ±10μA (Note 9)
l
1500
900
2000
3000
4200
μMho
μMho
VC to Switch gm
1.7
A/V
EA Source Current
FB = 1V or VSENSE = 4.1V
l
125
225
400
μA
EA Sink Current
FB = 1.4V or VSENSE = 5.7V
l
100
225
450
μA
VC Switching Threshold
Duty Cycle = 0
0.9
V
VC High Clamp
SHDN = 1V
2.1
V
Switch Current Limit
VC Open, Boost = VIN + 5V, FB = 1V or VSENSE = 4.1V
l
0.75
2
3
A
Switch On Resistance
ISW = 0.75A, Boost = VIN + 5V (Note 7)
l
0.2
0.3
0.8
Ω
Ω
Maximum Switch Duty Cycle
FB = 1V or VSENSE = 4.1V
l
93
90
96
%
%
Switch Frequency
VC Set to Give DC = 50%
l
184
135
200
200
216
228
kHz
kHz
(LT1766H Grade)
The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST open circuit, SW open circuit, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch On-Resistance
ISW = 1.5A, Boost = VIN + 5V (Note 7)
l
0.2
0.3
0.4
Ω
Ω
Maximum Switch Duty Cycle
FB = 1V or VSENSE = 4.1V
l
93
90
96
%
%
Switch Frequency
VC Set to Give DC = 50%
l
184
172
200
200
216
228
kHz
kHz
fSW Line Regulation
5.5V ≤ VIN ≤ 60V
l
0.05
0.15
%/V
fSW Frequency Shifting Threshold
Df = 10kHz
0.8
V
Minimum Input Voltage
(Note 3)
l
4.6
5.5
V
Minimum Boost Voltage
(Note 4) ISW ≤ 1.5A
l
1.8
3
V
Boost Current (Note 5)
Boost = VIN + 5V, ISW = 0.5A
Boost = VIN + 5V, ISW = 1.5A
l
l
12
45
25
70
mA
mA
Input Supply Current (IVIN)
(Note 6) VBIAS = 5V
1.4
2.2
mA
Bias Supply Current (IBIAS)
(Note 6) VBIAS = 5V
2.9
4.2
mA
Shutdown Supply Current
SHDN = 0V, VIN ≤ 60V, SW = 0V, VC Open
l
25
75
200
μA
μA
Lockout Threshold
VC Open
l
2.3
2.42
2.53
V
Shutdown Thresholds
VC Open, Shutting Down
VC Open, Starting Up
l
l
0.15
0.25
0.37
0.45
0.6
0.6
V
V
Minimum SYNC Amplitude
l
1.5
2.2
V
SYNC Frequency Range
228
700
kHz
SYNC Input Resistance
20
ELECTRICAL CHARACTERISTICS
The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST open circuit, SW open circuit, unless otherwise noted.
(LT1766E/LT1766I Grade)


Similar Part No. - LT1766IGN-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766IGN-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com