Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV0411SQE Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV0411SQE
Description  5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV0411SQE Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS92LV0411SQE Datasheet HTML 5Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 6Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 7Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 8Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 9Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 10Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 11Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 12Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
DS92LV0412 LVCMOS I/O DC SPECIFICATIONS
V
IH
High Level Input Voltage
V
DDIO = 3.0 to 3.6V
PDB,
VODSEL,
OEN,
MAPSEL,
LFMODE,
SSC[2:0],
BISTEN
2.0
V
DDIO
V
V
DDIO = 1.71 to 1.89V
0.65*
V
DDIO
V
DDIO
V
V
IL
Low Level Input Voltage
V
DDIO = 3.0 to 3.6V
GND
0.8
V
V
DDIO = 1.71 to 1.89V
GND
0.35*
V
DDIO
V
I
IN
Input Current
V
IN = 0V or VDDIO
V
DDIO = 3.0
to 3.6V
−15
±1
+15
μA
V
DDIO = 1.7
to 1.89V
−15
±1
+15
μA
V
OH
High Level Output Voltage
I
OH = -0.5 mA
LOCK,
PASS
V
DDIO
0.2
V
DDIO
V
V
OL
Low Level Output Voltage
I
OL = +0.5 mA
GND
0.2
V
I
OS
Output Short Circuit Current
V
OUT = 0V
V
DDIO = 3.0 to
3.6 V
-10
mA
V
DDIO = 1.71
to 1.89V
-3
I
OZ
TRI-STATE® Output Current
PDB = 0V, OSS_SEL
= 0V, V
OUT = 0V or
V
DDIO
V
DDIO = 3.0 to
3.6 V
-10
+10
μA
V
DDIO = 1.71
to 1.89V
-15
+15
DS92LV0411 CHANNEL LINK PARALLEL LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Threshold High
Voltage
V
CM = 1.2V, Figure 1
RxIN[3:0]+/-,
RxCLKIN+/-,
+100
mV
V
TL
Differential Threshold Low
Voltage
−100
|V
ID|
Differential Input Voltage
Swing
200
600
mV
V
CM
Common Mode Voltage
V
DDIO = 3.3V
0
1.2
2.4
V
V
DDIO = 1.8V
0
1.2
1.7
I
IN
Input Current
−10
±1
+10
μA
DS92LV0412 CHANNEL LINK PARALLEL LVDS DRIVER DC SPECIFICATIONS
|V
OD|
Differential Output Voltage
R
L = 100Ω
VODSEL = L
RxCLKOUT
+,
TxCLKOUT-,
TxOUT[3:0]+,
TxOUT[3:0]-
100
250
400
mV
VODSEL = H
200
400
600
mV
V
ODp-p
Differential Output Voltage A –
B
VODSEL = L
500
mVp-p
VODSEL = H
800
mVp-p
ΔV
OD
Output Voltage Unbalance
1
50
mV
V
OS
Offset Voltage
VODSEL = L
1.0
1.2
1.5
V
VODSEL = H
1.2
V
ΔV
OS
Offset Voltage Unbalance
1
50
mV
I
OS
Output Short Circuit Current
-5
mA
I
OZ
Output TRI-STATE® Current
-10
+10
μA
9
www.national.com


Similar Part No. - DS92LV0411SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0411SQE/NOPB TI1-DS92LV0411SQE/NOPB Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0411SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com