Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21440 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL21440
Description  Micropower Voltage Reference with Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL21440 Datasheet HTML 4Page - Intersil Corporation ISL21440 Datasheet HTML 5Page - Intersil Corporation ISL21440 Datasheet HTML 6Page - Intersil Corporation ISL21440 Datasheet HTML 7Page - Intersil Corporation ISL21440 Datasheet HTML 8Page - Intersil Corporation ISL21440 Datasheet HTML 9Page - Intersil Corporation ISL21440 Datasheet HTML 10Page - Intersil Corporation ISL21440 Datasheet HTML 11Page - Intersil Corporation ISL21440 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6532.1
March 2, 2010
FIGURE 3. VREF vs TEMPERATURE
FIGURE 4. VREF vs SUPPLY VOLTAGE
FIGURE 5. VREF vs LOAD (SOURCE)
FIGURE 6. VREF vs LOAD (SINK)
FIGURE 7. DROPOUT - VREF OUTPUT
FIGURE 8. COMPARATOR OUTPUT LOW VOLTAGE vs
LOAD
Typical Performance Curves (Continued)
1.172
1.174
1.176
1.178
1.180
1.182
1.184
1.186
1.188
1.190
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
V+ = 5V
V+ = 2V
V+ = 3V
1.172
1.174
1.176
1.178
1.180
1.182
1.184
1.186
1.188
1.190
VDD (V)
23456789
10
11
12
1.175
1.176
1.177
1.178
1.179
1.180
1.181
1.182
1.183
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD (mA)
V+ = 2V
V+ = 3V
V+ = 5V
1.182
1.183
1.184
1.185
1.186
1.187
1.188
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
LOAD (mA)
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.00 1.25
1.50 1.75
2.00 2.25
2.50 2.75
3.00
VDD (V)
NO
LOAD
100mA
LOAD
10mA
LOAD
0
0.5
1.0
1.5
2.0
2.5
3.0
02468
10
12
14
ILOAD (mA)
V+ = 2V
V+ = 3V
V+ = 5V
V+ = 11V
ISL21440


Similar Part No. - ISL21440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
ISL21440 INTERSIL-ISL21440 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440IRTZ INTERSIL-ISL21440IRTZ Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IRTZ RENESAS-ISL21440IRTZ Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

Similar Description - ISL21440

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com