Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21440IUZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL21440IUZ
Description  Micropower Voltage Reference with Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440IUZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL21440IUZ Datasheet HTML 7Page - Intersil Corporation ISL21440IUZ Datasheet HTML 8Page - Intersil Corporation ISL21440IUZ Datasheet HTML 9Page - Intersil Corporation ISL21440IUZ Datasheet HTML 10Page - Intersil Corporation ISL21440IUZ Datasheet HTML 11Page - Intersil Corporation ISL21440IUZ Datasheet HTML 12Page - Intersil Corporation ISL21440IUZ Datasheet HTML 13Page - Intersil Corporation ISL21440IUZ Datasheet HTML 14Page - Intersil Corporation ISL21440IUZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6532.1
March 2, 2010
Functional Description
Device Power
The ISL21440 device has a single positive supply pin, V+,
and two other supply pins, V- and GND. Normally for
single supply applications the V- pin is tied to system
ground as well as the GND pin. The separate ground pin
allows the comparator to be powered by split supplies
from ±1.0V to ±5.5V. Note that the minimum supply
voltage will be 0.8V above the comparator maximum
input level for accurate operation.
Comparator Section
The comparator inputs can swing from the negative
supply (GND pin) to within 0.8V of the positive supply
(V+). Alternatively, with the comparator input set at
the 1.182V reference level, the minimum input voltage
for accurate operation is 2.0V. If the inputs are
expected to see voltage levels above V+ or below
ground, they should be clamped with low leakage
Schottky diodes.
The CMOS output swings essentially from the GND
potential to V+ potential, depending on load current. If
loads in excess of 1mA are expected, then a 0.1µF
decoupling capacitor at the V+ pin should be added.
Voltage Reference Section
The voltage reference is a micropower FGA reference
and is set to 1.182V ±0.5% at the factory. The
reference output can source up to 2mA but the sink
capability is very limited at only 10µA, maximum.
Small value capacitors, up to 10nF, can be used on the
reference output to lower noise if desired.
Applications Information
Handling and Board Mounting
FGA references provide excellent initial accuracy and
low temperature drift at the expense of very little
power drain. There are some precautions to take to
insure this accuracy is not compromised. Excessive
heat during solder reflow can cause excessive initial
accuracy drift, so the recommended +260°C max
FIGURE 21. OUTPUT RESPONSE TIME vs INPUT
OVERDRIVE (tPLH)
FIGURE 22. POWER-UP/DOWN OUTPUT RESPONSE
(V+ = 5V, IN+ = V+, IN- = VREF)
FIGURE 23. POWER-UP/DOWN OUTPUT RESPONSE (V+ = 3V, IN+ = V+, IN- = VREF)
Typical Performance Curves (Continued)
20
45
70
95
120
145
170
195
220
245
270
10
20
30
40
50
60
70
80
90 100 110 120
INPUT VOLTAGE (mV)
3V
5V
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.2 0.4 0.6 0.8
1.0 1.2 1.4 1.6 1.8
2.0
TIME (ms)
V+
OUT
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.2 0.4 0.6 0.8
1.0 1.2 1.4 1.6 1.8
2.0
V+
OUT
TIME (ms)
ISL21440


Similar Part No. - ISL21440IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21440IUZ INTERSIL-ISL21440IUZ Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IUZ RENESAS-ISL21440IUZ Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
ISL21440IUZ-T13 RENESAS-ISL21440IUZ-T13 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

Similar Description - ISL21440IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com