Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761ES5-2-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT1761ES5-2-TR
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761ES5-2-TR Datasheet(HTML) 4 Page - Linear Technology

  LT1761ES5-2-TR Datasheet HTML 1Page - Linear Technology LT1761ES5-2-TR Datasheet HTML 2Page - Linear Technology LT1761ES5-2-TR Datasheet HTML 3Page - Linear Technology LT1761ES5-2-TR Datasheet HTML 4Page - Linear Technology LT1761ES5-2-TR Datasheet HTML 5Page - Linear Technology LT1761ES5-2-TR Datasheet HTML 6Page - Linear Technology LT1761ES5-2-TR Datasheet HTML 7Page - Linear Technology LT1761ES5-2-TR Datasheet HTML 8Page - Linear Technology LT1761ES5-2-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT1761 Series
4
1761sff
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 3, 11)
ILOAD = 100mA
l
1.8
2.3
V
Regulated Output Voltage (Note 4)
LT1761-1.2
VIN = 2V, ILOAD = 1mA
2.3V < VIN < 20V, 1mA < ILOAD < 50mA
2.3V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
1.185
1.170
1.150
1.2
1.2
1.2
1.215
1.230
1.240
V
V
V
LT1761-1.5
VIN = 2V, ILOAD = 1mA
2.5V < VIN < 20V, 1mA < ILOAD < 50mA
2.5V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
1.478
1.457
1.436
1.5
1.5
1.5
1.522
1.538
1.555
V
V
V
LT1761-1.8
VIN = 2.3V, ILOAD = 1mA
2.8V < VIN < 20V, 1mA < ILOAD < 50mA
2.8V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
1.775
1.750
1.725
1.8
1.8
1.8
1.825
1.845
1.860
V
V
V
LT1761-2
VIN = 2.5V, ILOAD = 1mA
3V < VIN < 20V, 1mA < ILOAD < 50mA
3V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
1.970
1.945
1.920
2
2
2
2.030
2.045
2.060
V
V
V
LT1761-2.5
VIN = 3V, ILOAD = 1mA
3.5V < VIN < 20V, 1mA < ILOAD < 50mA
3.5V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
2.465
2.435
2.415
2.5
2.5
2.5
2.535
2.565
2.575
V
V
V
LT1761-2.8
VIN = 3.3V, ILOAD = 1mA
3.8V < VIN < 20V, 1mA < ILOAD < 50mA
3.8V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
2.762
2.732
2.706
2.8
2.8
2.8
2.838
2.868
2.884
V
V
V
LT1761-3
VIN = 3.5V, ILOAD = 1mA
4V < VIN < 20V, 1mA < ILOAD < 50mA
4V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
2.960
2.930
2.900
3
3
3
3.040
3.070
3.090
V
V
V
LT1761-3.3
VIN = 3.8V, ILOAD = 1mA
4.3V < VIN < 20V, 1mA < ILOAD < 50mA
4.3V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
3.250
3.230
3.190
3.3
3.3
3.3
3.350
3.370
3.400
V
V
V
LT1761-5
VIN = 5.5V, ILOAD = 1mA
6V < VIN < 20V, 1mA < ILOAD < 50mA
6V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
4.935
4.900
4.850
5
5
5
5.065
5.100
5.120
V
V
V
ADJ Pin Voltage (Note 3, 4)
LT1761
VIN = 2V, ILOAD = 1mA
2.3V < VIN < 20V, 1mA < ILOAD < 50mA
2.3V < VIN < 20V, 1mA < ILOAD < 100mA
l
l
1.205
1.190
1.170
1.220
1.220
1.220
1.235
1.250
1.260
V
V
V
Line Regulation
LT1761-1.2
LT1761-1.5
LT1761-1.8
LT1761-2
LT1761-2.5
LT1761-2.8
LT1761-3
LT1761-3.3
LT1761-5
LT1761 (Note 3)
ΔVIN = 2V to 20V, ILOAD = 1mA
ΔVIN = 2V to 20V, ILOAD = 1mA
ΔVIN = 2.3V to 20V, ILOAD = 1mA
ΔVIN = 2.5V to 20V, ILOAD = 1mA
ΔVIN = 3V to 20V, ILOAD = 1mA
ΔVIN = 3.3V to 20V, ILOAD = 1mA
ΔVIN = 3.5V to 20V, ILOAD = 1mA
ΔVIN = 3.8V to 20V, ILOAD = 1mA
ΔVIN = 5.5V to 20V, ILOAD = 1mA
ΔVIN = 2V to 20V, ILOAD = 1mA
l
l
l
l
l
l
l
l
l
l
1
1
1
1
1
1
1
1
1
1
10
10
10
10
10
10
10
10
10
10
mV
mV
mV
mV
mV
mV
mV
mV
mV
mV


Similar Part No. - LT1761ES5-2-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761ES5-2 LINER-LT1761ES5-2 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761ES5-2 LINER-LT1761ES5-2 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
logo
Linear Dimensions Semic...
LT1761ES5-2 LINEAR_DIMENSIONS-LT1761ES5-2 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761ES5-2.5 LINER-LT1761ES5-2.5 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761ES5-2.5 LINER-LT1761ES5-2.5 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
More results

Similar Description - LT1761ES5-2-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com