Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5387-SG4YMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5387-SG4YMT
Description  Ultra-Small Triple 150mA Output LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5387-SG4YMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5387-SG4YMT Datasheet HTML 1Page - Micrel Semiconductor MIC5387-SG4YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5387-SG4YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5387-SG4YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5387-SG4YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5387-SG4YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5387-SG4YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5387-SG4YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5387-SG4YMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5387
April 2010
4
M9999-041610-A
Typical Characteristics
Ground Current (VOUT1=3.3V)
vs. Supply Voltage
26
28
30
32
34
36
38
40
2.5 2.8 3.1 3.4 3.7 4 4.3 4.6 4.9 5.2 5.5
SUPPLY VOLTAGE(V)
100µA
50mA
150mA
VEN2/3=0V
VOUT=3.3V
CIN=COUT1=1µF
Single Output
Power Supply Rejection Ratio
(PSRR)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY(Hz)
IOUT=100µA
IOUT=150mA
VOUT=1.5V
COUT=1µF
Dropout Voltage
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
0
20
40
60
80 100 120 140 160
OUTPUT CURRENT (mA)
VOUT1=3.3V
CIN=COUT1=1µF
Ground Current (All VOUTs)
vs. Supply Voltage
80
85
90
95
100
105
110
115
120
2.5 2.8 3.1 3.4 3.7 4 4.3 4.6 4.9 5.2 5.5
SUPPLY VOLTAGE (V)
150mA
50mA
100µA
VIN=VEN2/3=4.3V
VOUT1=3.3V
VOUT2=1.8V VOUT3=1.5V
CIN=COUT1=COUT2=COUT3=1µF
Dropout Voltage
vs. Temperature
0
20
40
60
80
100
120
140
160
180
200
-40 -20
0
20
406080 100 120
TEMPERATURE(°C)
150mA
100mA
50mA
10mA
VOUT1=3.3V
CIN=COUT1=1µF
Ground Current (VOUT1=3.3V)
vs. Temperature
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
-40 -20
0
20
40
60
80 100 120
TEMPERATURE(°C)
VIN=4.3V
VOUT=3.3V
CIN=COUT1=1µF
50mA
100µA
150mA
Output Voltage (VOUT1=3.3V)
vs. Supply Voltage
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
50mA
100µA
150mA
CIN=COUT1=1µF
VOUT=3.3V
Output Voltage (VOUT2=1.8V)
vs. Supply Voltage
1.7
1.75
1.8
1.85
1.9
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
1mA
50mA
150mA
VEN2/3=VIN
VOUT=1.8V
CIN=COUT2=1µF
Output Voltage (VOUT3=1.5V)
vs. Supply Voltage
1.4
1.45
1.5
1.55
1.6
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
`
1mA
50mA
150mA
VEN2/3=VIN
VOUT=1.5V
CIN=COUT3=1µF
Output voltage (VOUT3=1.2V)
vs. Supply Voltage
1.1
1.15
1.2
1.25
1.3
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
1mA
150mA
VEN2/3=VIN
VOUT=1.2V
CIN=COUT3=1µF
50mA
Output Voltage (VOUT1=3.3V)
vs. Temperature
3
3.1
3.2
3.3
3.4
3.5
-40 -20
0
20
40
60
80 100 120
TEMPERATURE(°C)
VIN=4.3V
VOUT=3.3V
CIN=COUT1=1µF
IOUT1=150mA
Output Voltage (VOUT2=1.8V)
vs. Temperature
1
1.2
1.4
1.6
1.8
2
-40 -20
0
20
40
60
80 100 120
TEMPERATURE(°C)
VIN=VEN2/3=2.8V
VOUT=1.8V
CIN=COUT2=1µF
IOUT2=150mA


Similar Part No. - MIC5387-SG4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results

Similar Description - MIC5387-SG4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5385 MICREL-MIC5385 Datasheet
609Kb / 13P
   Ultra Small Triple 150mA Output LDO
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076Q TI-LM9076Q_15 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
Taiwan Semiconductor Co...
TS4264GCW50 TSC-TS4264GCW50_14 Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com