Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32EL0124 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS32EL0124
Description  125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS32EL0124 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS32EL0124_09 Datasheet HTML 1Page - National Semiconductor (TI) DS32EL0124_09 Datasheet HTML 2Page - National Semiconductor (TI) DS32EL0124_09 Datasheet HTML 3Page - National Semiconductor (TI) DS32EL0124_09 Datasheet HTML 4Page - National Semiconductor (TI) DS32EL0124_09 Datasheet HTML 5Page - National Semiconductor (TI) DS32EL0124_09 Datasheet HTML 6Page - National Semiconductor (TI) DS32EL0124_09 Datasheet HTML 7Page - National Semiconductor (TI) DS32EL0124_09 Datasheet HTML 8Page - National Semiconductor (TI) DS32EL0124_09 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
30043103
Pin Descriptions
Pin Name
Pin Number
I/O, Type
Description
VDD33
1, 15, 18, 36
I, VDD
3.3V supply
VDD25
7, 25, 35
I, VDD
2.5V supply
VDD_PLL
28
I, VDD
3.3V supply
LF_CP
27
Analog
Loop filter capacitor connection
LF_REF
26
Analog
Loop filter ground reference
Exposed Pad
49
GND
Exposed Pad must be connected to GND by 9 vias.
CML I/O
RxIN0+
RxIN0-
16
17
I, CML
Non-inverting and inverting high speed CML differential inputs of the
deserializer. These inputs are internally terminated.
RxIN1+
RxIN1-
19
20
I, CML
DS32ELX0124 only. Non-inverting and inverting high speed CML
differential inputs of the deserializer. These inputs are internally
terminated.
TxOUT+
TxOUT-
21
22
O, CML
DS32ELX0124 only. Retimed serialized high speed output. Non-inverting
and inverting speed CML differential outputs of the deserializer. These
outputs are internally terminated.
LVDS Parallel Data Bus
RxCLKOUT+
RxCLKOUT-
37
38
O, LVDS
Deserializer output clock. RxCLKOUT+/- are the non-inverting and
inverting LVDS recovered clock output pins.
RxOUT[0:4]+/-
39, 40, 41, 42, 43, 44, 45,
46, 47, 48
O, LVDS
Deserializer output data. RxOUT[0:4]+/- are the non-inverting and
inverting LVDS deserialized output data pins.
3
www.national.com


Similar Part No. - DS32EL0124_09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
More results

Similar Description - DS32EL0124_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32EL0124 TI1-DS32EL0124_15 Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
National Semiconductor ...
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124 Datasheet
459Kb / 24P
   125 MHz - 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS32EL0421 TI1-DS32EL0421_15 Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
logo
National Semiconductor ...
DS32EL0421_0807 NSC-DS32EL0421_0807 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com