Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8734SPFBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8734SPFBR
Description  Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8734SPFBR Datasheet(HTML) 2 Page - Texas Instruments

  DAC8734SPFBR Datasheet HTML 1Page - Texas Instruments DAC8734SPFBR Datasheet HTML 2Page - Texas Instruments DAC8734SPFBR Datasheet HTML 3Page - Texas Instruments DAC8734SPFBR Datasheet HTML 4Page - Texas Instruments DAC8734SPFBR Datasheet HTML 5Page - Texas Instruments DAC8734SPFBR Datasheet HTML 6Page - Texas Instruments DAC8734SPFBR Datasheet HTML 7Page - Texas Instruments DAC8734SPFBR Datasheet HTML 8Page - Texas Instruments DAC8734SPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DAC8734
SBAS465A – MAY 2009 – REVISED SEPTEMBER 2009 .................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
RELATIVE
DIFFERENTIAL
SPECIFIED
ACCURACY
LINEARITY
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
LEAD
DESIGNATOR
RANGE
MARKING
±1
±1
QFN-40
RHA
–40°C to +105°C
DAC8734
DAC8734
±1
±1
TQFP-48
PFB
–40°C to +105°C
DAC8734
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI
website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
DAC8734
UNIT
AVDD to AVSS
(2)
–0.3 to 38
V
AVDD to AGND
(2)
–0.3 to 25
V
AVSS to AGND, DGND
(2)
–19 to 0.3
V
DVDD to DGND
–0.3 to 6
V
IOVDD to DGND
–0.3 to DVDD + 0.3
V
Digital input voltage to DGND
–0.3 to IOVDD + 0.3
V
SDO to DGND
–0.3 to IOVDD + 0.3
V
SGND-x, REFGND-x, AGND to DGND
–0.3 to +0.3
V
VOUT-x, RFB1-x, RFB2-x, VMON, AIN to AVSS
–0.3 to AVDD + 0.3
V
REF-x to REFGND-x, AGND
–0.3 to min(AVDD/2, –AVSS/2)
V
GPIO-x to DGND
–0.3 to 6
V
GPIO-x input current
5
mA
Operating temperature range
–40 to +105
°C
Storage temperature range
–65 to +150
°C
Maximum junction temperature (TJ max)
+150
°C
Human body model (HBM)
4
kV
ESD ratings
Charged device model (CDM)
1
kV
TQFP
57
°C/W
Junction-to-ambient,
θ
JA
QFN
32
°C/W
Thermal impedance
TQFP
35
°C/W
Junction-to-case,
θ
JC
QFN
20
°C/W
Power dissipation(3)
(TJ max – TA) / θJA
W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
(2)
AVSS must be < –3.5V if AVDD ≥ 1V.
(3)
TA is the ambient temperature.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8734


Similar Part No. - DAC8734SPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734SPFBR TI-DAC8734SPFBR Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8734SPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8234 TI-DAC8234 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com