Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS32ELX0124SQ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS32ELX0124SQ
Description  125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS32ELX0124SQ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS32ELX0124SQ Datasheet HTML 1Page - National Semiconductor (TI) DS32ELX0124SQ Datasheet HTML 2Page - National Semiconductor (TI) DS32ELX0124SQ Datasheet HTML 3Page - National Semiconductor (TI) DS32ELX0124SQ Datasheet HTML 4Page - National Semiconductor (TI) DS32ELX0124SQ Datasheet HTML 5Page - National Semiconductor (TI) DS32ELX0124SQ Datasheet HTML 6Page - National Semiconductor (TI) DS32ELX0124SQ Datasheet HTML 7Page - National Semiconductor (TI) DS32ELX0124SQ Datasheet HTML 8Page - National Semiconductor (TI) DS32ELX0124SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD33)
−0.3V to +4V
Supply Voltage (V
DD25)
-0.3V to +3.0V
LVCMOS Input Voltage
−0.3V to (V
DD33 + 0.3V)
LVCMOS Output Voltage
-0.3V to (V
DD33 + 0.3V)
CML Input/Output Voltage
-0.3V to 3.6V
LVDS Output Voltage
-0.3V to +3.6V
Junction Temperature
+125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
Soldering (4 sec.)
+260°C
Package Thermal Resistance
 θ
JA
+25.0°C/W
ESD Susceptibility
HBM
8 kV
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
DD33)
3.135
3.3
3.465
V
Supply Voltage (V
DD25)
2.375
2.5
2.625
V
Supply Noise Amplitude
from 10 Hz to 50 MHz
100
mV
P-P
Ambient Temperature (T
A)
−40
+25
+85
°C
SMBus Pull–Up Resistor to
V
SDD Value
1000
Power Supply Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
I
DD25
2.5V supply current
Loop Through Driver Disabled
1.25 Gbps
50
59
mA
2.5 Gbps
62
73
3.125 Gbps
69
79
2.5V supply current
Loop Through Driver Enabled
1.25 Gbps
88
99
2.5 Gbps
100
112
3.125 Gbps
107
120
I
DD33
3.3V supply current
Loop Through Driver Disabled
1.25 Gbps
105
121
mA
2.5 Gbps
105
121
3.125 Gbps
105
121
3.3V supply current
Loop Through Driver Enabled
1.25 Gbps
111
127
2.5 Gbps
111
127
3.125 Gbps
111
127
P
D
Power Consumption
Loop Through Driver Disabled
1.25 Gbps
475
560
mW
2.5 Gbps
500
600
3.125 Gbps
520
620
Power Consumption
Loop Through Driver Enabled
1.25 Gbps
590
690
2.5 Gbps
620
730
3.125 Gbps
640
750
5
www.national.com


Similar Part No. - DS32ELX0124SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32ELX0124SQE/NOPB TI1-DS32ELX0124SQE/NOPB Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32ELX0124SQX/NOPB TI1-DS32ELX0124SQX/NOPB Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results

Similar Description - DS32ELX0124SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32EL0124 TI1-DS32EL0124_15 Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
National Semiconductor ...
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124 Datasheet
459Kb / 24P
   125 MHz - 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS32EL0421 TI1-DS32EL0421_15 Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
logo
National Semiconductor ...
DS32EL0421_0807 NSC-DS32EL0421_0807 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com