Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY256Y Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TNY256Y
Description  Energy Efficient, Low Power Off-line Switcher
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY256Y Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TNY256Y Datasheet HTML 7Page - Power Integrations, Inc. TNY256Y Datasheet HTML 8Page - Power Integrations, Inc. TNY256Y Datasheet HTML 9Page - Power Integrations, Inc. TNY256Y Datasheet HTML 10Page - Power Integrations, Inc. TNY256Y Datasheet HTML 11Page - Power Integrations, Inc. TNY256Y Datasheet HTML 12Page - Power Integrations, Inc. TNY256Y Datasheet HTML 13Page - Power Integrations, Inc. TNY256Y Datasheet HTML 14Page - Power Integrations, Inc. TNY256Y Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
B
8/99
TNY256
11
NOTES:
1. For a threshold with a negative value, negative hysteresis is a decrease in magnitude of the corresponding threshold.
2. Total current consumption is the sum of I
S1 and IDSS when EN/UV pin is shorted to ground (MOSFET not switching)
and the sum of I
S2 and IDSS when EN/UV pin is open (MOSFET switching).
3. Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the
DRAIN. An alternative is to measure the BYPASS pin current at 6.2 V.
4. BYPASS pin is not intended for sourcing supply current to external circuitry.
5. See typical performance characteristics section for BYPASS pin start-up charging waveform.
6. For current limit at other di/dt values, refer to current limit vs. di/dt curve under typical performance
characteristics.
7. This parameter is derived from characterization.
8. This parameter is derived from the change in current limit measured at 5X and 10X of the di/dt shown in the I
LIMIT
specification.
9. Auto-restart on time has the same temperature characteristics as the oscillator (inversely proportional to
frequency).
Conditions
Parameter
Symbol
SOURCE = 0 V; T
j = -40 to 125 °C
See Figure 14
(Unless Otherwise Specified)
50
0.5
t
EN/UV
t
DST
V
µs
µs
ms
%
DRAIN Supply
Voltage
Output EN/UV
Delay
Output Disable
Setup Time
Min
Typ
Max
Units
OUTPUT (cont.)
10
Auto-Restart,
ON-Time
Auto-Restart
Duty Cycle
t
AR
DC
AR
32.0
20
28.9
35.2
T
j = 25 °C
See Note 10
24
16
See Note 8


Similar Part No. - TNY256Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY256Y POWERINT-TNY256Y Datasheet
509Kb / 20P
   TinySwitch Plus Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY256Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
TNY256 POWERINT-TNY256 Datasheet
509Kb / 20P
   TinySwitch Plus Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com