Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5045AQDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF5045AQDRQ1
Description  LOW NOISE, VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5045AQDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  REF5045AQDRQ1 Datasheet HTML 1Page - Texas Instruments REF5045AQDRQ1 Datasheet HTML 2Page - Texas Instruments REF5045AQDRQ1 Datasheet HTML 3Page - Texas Instruments REF5045AQDRQ1 Datasheet HTML 4Page - Texas Instruments REF5045AQDRQ1 Datasheet HTML 5Page - Texas Instruments REF5045AQDRQ1 Datasheet HTML 6Page - Texas Instruments REF5045AQDRQ1 Datasheet HTML 7Page - Texas Instruments REF5045AQDRQ1 Datasheet HTML 8Page - Texas Instruments REF5045AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
ADS8326
REF5040
REF
V
OUT
GND
+IN
-
IN
V
IN
+5V
OPA365
Input
Signal
0Vto4V
5V
5V
V
DD
GND
C
1 F
m
BYPASS
R
50 W
1
C
1.2nF
1
C
22 F
m
2
1
2
3
4
8
7
6
5
DNC
NC
TRIM/NR
DNC
V
IN
TEMP
GND
V
OUT
SO-8(D)PACKAGE
(TOPVIEW)
DNC=Donotconnect
NC=Nointernalconnection
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
www.ti.com ............................................................................................................................................... SBOS456B – SEPTEMBER 2008 – REVISED APRIL 2009
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
2
• Qualified for Automotive Applications
The REF50xx is a family of low-noise, low-drift, very
high precision voltage references. These references
• Low Temperature Drift
are capable of both sinking and sourcing, and are
High Grade: 3 ppm/°C (max)
very robust with regard to line and load changes.
Standard Grade: 8 ppm/°C (max)
Excellent temperature drift (3 ppm/°C) and high
• High Accuracy
accuracy (0.05%) are achieved using proprietary
High Grade: 0.05% (max)
design techniques. These features combined with
very low noise make the REF50xx family ideal for use
Standard Grade: 0.1% (max)
in high-precision data acquisition systems.
• Low Noise: 3 µV
PP/V
Each reference voltage is available in both standard-
• High Output Current: ±10 mA
and high-grade versions. They are offered in SO-8
• Temperature Range: –40°C to 125°C
packages and are specified from –40°C to 125°C.
REF50xx Family
• 16-Bit Data Acquisition Systems
MODEL
OUTPUT VOLTAGE
• ATE Equipment
REF5020
2.048 V
• Industrial Process Control
REF5025
2.5 V
• Medical Instrumentation
REF5030
3 V
• Optical Control Systems
REF5040
4.096 V
• Precision Instrumentation
REF5045
4.5 V
REF5050
5 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF5045AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5045AQDRQ1 TI1-REF5045AQDRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
More results

Similar Description - REF5045AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010 Datasheet
614Kb / 20P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
[Old version datasheet]   LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com