Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1014120000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1014120000
Description  BLF 5.08/02/180LR SN BK BX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1014120000 Datasheet(HTML) 3 Page - Weidmuller

  1014120000 Datasheet HTML 1Page - Weidmuller 1014120000 Datasheet HTML 2Page - Weidmuller 1014120000 Datasheet HTML 3Page - Weidmuller 1014120000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/180 | BLF 5.08/180LR SN
- 3 -
1014130000
BLF 5.08/03/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 3, 180°, Box
1014380000
BLF 5.08/03/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 3, 180°, Box
1014140000
BLF 5.08/04/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 4, 180°, Box
1014390000
BLF 5.08/04/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 4, 180°, Box
1014150000
BLF 5.08/05/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 5, 180°, Box
1014410000
BLF 5.08/05/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 5, 180°, Box
1014160000
BLF 5.08/06/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 6, 180°, Box
1014420000
BLF 5.08/06/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 6, 180°, Box
1014170000
BLF 5.08/07/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 7, 180°, Box
1014430000
BLF 5.08/07/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 7, 180°, Box
1014180000
BLF 5.08/08/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 8, 180°, Box
1014440000
BLF 5.08/08/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 8, 180°, Box
1014190000
BLF 5.08/09/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 9, 180°, Box
1014450000
BLF 5.08/09/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 9, 180°, Box
1014210000
BLF 5.08/10/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 10, 180°, Box
1014460000
BLF 5.08/10/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 10, 180°, Box
1014220000
BLF 5.08/11/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 11, 180°, Box
1014470000
BLF 5.08/11/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 11, 180°, Box
1014230000
BLF 5.08/12/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 12, 180°, Box
1014480000
BLF 5.08/12/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 12, 180°, Box
1014240000
BLF 5.08/13/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 13, 180°, Box
1014490000
BLF 5.08/13/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 13, 180°, Box
1014250000
BLF 5.08/14/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 14, 180°, Box
1014510000
BLF 5.08/14/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 14, 180°, Box
1014260000
BLF 5.08/15/180LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 15, 180°, Box
1014520000
BLF 5.08/15/180LR SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 15, 180°, Box


Similar Part No. - 1014120000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1014120 PHOENIX-1014120 Datasheet
49Kb / 3P
   Labeling service: Phoenix Contact can custom-label all UniCard markers according to your requirements
More results

Similar Description - 1014120000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1014180000 WEIDMULLER-1014180000 Datasheet
77Kb / 4P
   BLF 5.08/08/180LR SN BK BX
1014130000 WEIDMULLER-1014130000 Datasheet
77Kb / 4P
   BLF 5.08/03/180LR SN BK BX
1014210000 WEIDMULLER-1014210000 Datasheet
77Kb / 4P
   BLF 5.08/10/180LR SN BK BX
1014270000 WEIDMULLER-1014270000 Datasheet
77Kb / 4P
   BLF 5.08/16/180LR SN BK BX
1014230000 WEIDMULLER-1014230000 Datasheet
77Kb / 4P
   BLF 5.08/12/180LR SN BK BX
1014140000 WEIDMULLER-1014140000 Datasheet
77Kb / 4P
   BLF 5.08/04/180LR SN BK BX
1014160000 WEIDMULLER-1014160000 Datasheet
77Kb / 4P
   BLF 5.08/06/180LR SN BK BX
1982120000 WEIDMULLER-1982120000 Datasheet
73Kb / 3P
   BLF 5.08/02/270F SN BK BX
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
   BLF 5.08/02/180 SN BK BX
1012640000 WEIDMULLER-1012640000 Datasheet
74Kb / 4P
   BLF 5.08/02/180F SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com