Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP1N5S7 Datasheet(PDF) 2 Page - Power-One

Part # DSP1N5S7
Description  SINGLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DSP1N5S7 Datasheet(HTML) 2 Page - Power-One

  DSP1N5S7 Datasheet HTML 1Page - Power-One DSP1N5S7 Datasheet HTML 2Page - Power-One DSP1N5S7 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTES
(1)
All parameters measured at Tc=25°C, nominal input voltage and full rated load unless otherwise noted.
(2)
Measurement bandwidth is 20 MHz. Input Reflected Ripple and output noise are measured with an exter-
nal 10µF/25V tantalum capacitor connected across the input and output pins.
(3)
Output Voltage Accuracy measured at 75% of maximum Rated Load.
(4)
Load Regulations measured relative to 75% of maximum Rated Load Current.
(5)
Line Regulation is for a 1.0% change in input Voltage.
(6)
Use input fuse for protection. See Applying the input.
DSP1 SERIES APPLICATION NOTES:
External Capacitance Requirements
Output filtering is required for operation. A minimum of
10 F is specified for optimal performance. Output capaci-
tance may be increased for additional filtering, not to
exceed 400 F. To meet the reflected ripple requirements of
the converter, an input impedance of less than 0.5 Ohms
from DC to 350KHz is required. If a capacitive input source
is farther than 2” from the converter, it is recommended to
use a 10 F, 25V solid tantalum capacitor.
Regulation
This converter uses a semi-regulated design. The output will
vary as the load is changed, with output decreasing with
increasing load. See Output Voltage vs. Output Load curves.
Additionally, output voltage will change in proportion to a
change in input voltage. The typical output voltage will
change 1.2% for each 1% change in input voltage.
Negative Outputs
A negative output voltage may be obtained by connecting
the +OUT to circuit ground and connecting -OUT as the
negative output.
(
s
r
e
t
e
m
a
r
a
P
t
u
p
t
u
O
)
1
l
e
d
o
M
5
S
5
N
1
P
S
D
7
S
5
N
1
P
S
D
2
1
S
5
N
1
P
S
D
4
1
S
5
N
1
P
S
D
5
1
S
5
N
1
P
S
D
7
1
S
5
N
1
P
S
D
s
t
i
n
U
e
g
a
t
l
o
V
t
u
p
t
u
O5
7
2
14
15
17
1C
D
V
)
3
(
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
t
u
p
t
u
O
N
I
M
P
Y
T
X
A
M
5
7
.
4
0
0
.
5
5
2
.
5
5
6
.
6
0
0
.
7
5
3
.
7
0
4
.
1
1
0
0
.
2
1
0
6
.
2
1
0
3
.
3
1
0
0
.
4
1
0
7
.
4
1
5
2
.
4
1
0
0
.
5
1
5
7
.
5
1
5
1
.
6
1
0
0
.
7
1
5
8
.
7
1
C
D
V
d
a
o
L
o
N
,
e
g
a
t
l
o
V
t
u
p
t
u
OP
Y
T7
0
16
19
11
24
2C
D
V
e
g
n
a
R
d
a
o
L
d
e
t
a
R
N
I
M
X
A
M
0
0
5
1
0
0
4
1
0
0
8
0
0
7
0
5
6
0
0
6
A
m
)
4
(
n
o
i
t
a
l
u
g
e
R
d
a
o
L
d
a
o
L
%
0
2
-
%
5
7
d
a
o
L
%
0
0
1
-
%
5
7
P
Y
T
P
Y
T
8
+
5
-
%
)
5
(
n
o
i
t
a
l
u
g
e
R
e
n
i
LP
Y
T6
.
1%
)
2
(
k
a
e
P
-
k
a
e
P
,
e
s
i
o
NP
Y
T0
7V
m
P
P
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TP
Y
T0
0
4/
m
p
p
°C
)
6
(
n
o
m
m
o
C
o
t
n
o
i
t
c
e
t
o
r
P
t
i
u
c
r
i
C
t
r
o
h
S
y
r
a
t
n
e
m
o
M
DSP1 SERIES – SINGLE OUPUT
2


Similar Part No. - DSP1N5S7

ManufacturerPart #DatasheetDescription
logo
Power-One
DSP1N5D12 POWER-ONE-DSP1N5D12 Datasheet
236Kb / 2P
   DUAL OUTPUT
DSP1N5D14 POWER-ONE-DSP1N5D14 Datasheet
236Kb / 2P
   DUAL OUTPUT
DSP1N5D15 POWER-ONE-DSP1N5D15 Datasheet
236Kb / 2P
   DUAL OUTPUT
DSP1N5D17 POWER-ONE-DSP1N5D17 Datasheet
236Kb / 2P
   DUAL OUTPUT
DSP1N5D5 POWER-ONE-DSP1N5D5 Datasheet
236Kb / 2P
   DUAL OUTPUT
More results

Similar Description - DSP1N5S7

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com