Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP1N5S12 Datasheet(PDF) 3 Page - Power-One

Part # DSP1N5S12
Description  SINGLE OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DSP1N5S12 Datasheet(HTML) 3 Page - Power-One

  DSP1N5S12 Datasheet HTML 1Page - Power-One DSP1N5S12 Datasheet HTML 2Page - Power-One DSP1N5S12 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Performance: (Tc=25°C)
5.80
5.60
5.40
5.20
5.00
4.80
4.60
0
40
80
120
160
OUTPUT VOLTAGE Vs. OUTPUT LOAD
DSP1N5S5
OUTPUT LOAD (mA)
13.50
13.00
12.50
12.00
11.50
030
60
90
OUTPUT VOLTAGE Vs. OUTPUT LOAD
DSP1N5S12
OUTPUT LOAD (mA)
7.90
7.60
7.30
7.00
6.70
6.40
0
40
80
120
160
OUTPUT VOLTAGE Vs. OUTPUT LOAD
DSP1N5S7
OUTPUT LOAD (mA)
15.40
15.00
14.20
14.60
13.80
13.40
020
40
60
80
OUTPUT VOLTAGE Vs. OUTPUT LOAD
DSP1N5S14
OUTPUT LOAD (mA)
16.50
15.90
14.70
15.30
14.10
020
40
60
80
OUTPUT VOLTAGE Vs. OUTPUT LOAD
DSP1N5S15
OUTPUT LOAD (mA)
18.50
18.00
17.00
16.50
17.50
16.00
020
40
60
80
OUTPUT VOLTAGE Vs. OUTPUT LOAD
DSP1N5S17
OUTPUT LOAD (mA)
80
60
5-7 VOLT OUTPUT
12-17 VOLT OUTPUT
20
40
16
020
40
60
80
100
EFFICIENCY Vs. OUTPUT LOAD
% OF RATED LOAD (%)
DSP1 SERIES – SINGLE OUPUT
1
2
4
+ OUTPUT
- OUT
+ INPUT
– INPUT
OSCILLATOR
DRIVER
3
DSP1 SERIES BLOCK DIAGRAM
50
0.4
0.6
0.8
1
60
70
80
90
100
OUTPUT POWER DERATING
AMBIENT TEMPERATURE
3


Similar Part No. - DSP1N5S12

ManufacturerPart #DatasheetDescription
logo
Power-One
DSP1N5D12 POWER-ONE-DSP1N5D12 Datasheet
236Kb / 2P
   DUAL OUTPUT
DSP1N5D14 POWER-ONE-DSP1N5D14 Datasheet
236Kb / 2P
   DUAL OUTPUT
DSP1N5D15 POWER-ONE-DSP1N5D15 Datasheet
236Kb / 2P
   DUAL OUTPUT
DSP1N5D17 POWER-ONE-DSP1N5D17 Datasheet
236Kb / 2P
   DUAL OUTPUT
DSP1N5D5 POWER-ONE-DSP1N5D5 Datasheet
236Kb / 2P
   DUAL OUTPUT
More results

Similar Description - DSP1N5S12

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com