Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG3020-7 Datasheet(PDF) 2 Page - Power-One

Part # BG3020-7
Description  25 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

BG3020-7 Datasheet(HTML) 2 Page - Power-One

  BG3020-7 Datasheet HTML 1Page - Power-One BG3020-7 Datasheet HTML 2Page - Power-One BG3020-7 Datasheet HTML 3Page - Power-One BG3020-7 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Board Mountable
G Series
Input
Input voltage
BG
14...36 V DC
CG
36...75 V DC
Reverse polarity protection
shunt diode
Output
Output voltage setting accuracy
Ui nom, lo nom
±1% U
o nom
Minimum load
recommended for tracking outputs
10%
Io nom
Line/load regulation
Ui min...Ui max, 50% Io nom
±1% U
o nom
Line regulation
Ui min...Ui max, 50% Io nom (tracking outputs)
±5% U
o nom
Load regulation
Ui nom, 50...100% Io nom (tracking outputs)
±10% U
o nom
Output voltage switching noise
Ui nom, 100% Io nom, peak-peak, total
max. 1%
Uo nom
Efficiency
Ui nom, Io nom
typ. 87 %
Control and protection
Remote shut down
TTL-compatible input
disabled with >2.4 V
Connection in parallel
current sharing
Adjustable output voltage
R-input
60...110 %
Uo nom
Output voltage OK signal
open collector
Overload protection
continuous, each output
Output overvoltage protection
second loop, self recovery
No-load protection
Ui min…Ui max
Temperature monitoring
thermistor, self recovery
>110
°C
Safety and EMC
Electric strength test voltage
I/O
1500 V DC
Electromagnetic interference
conducted (with external filter)
class A
radiated
class A
Environmental
Operating ambient temperature
Ui nom, lo nom
–25...71
°C
Storage temperature
non operational
–40...105
°C
Relative humidity
non condensing
93 %
Options
Extended temperature range
–40...71
°C, ambient, operating
–9
Output voltage monitor
serial 8 bit status communication interface
D
Case with fixing holes
B


Similar Part No. - BG3020-7

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BG3021B COOPER-BG3021B Datasheet
258Kb / 3P
   Open fuse blocks
BG3021PQ COOPER-BG3021PQ Datasheet
258Kb / 3P
   Open fuse blocks
BG3021SQ COOPER-BG3021SQ Datasheet
258Kb / 3P
   Open fuse blocks
BG3022B COOPER-BG3022B Datasheet
258Kb / 3P
   Open fuse blocks
BG3022PQ COOPER-BG3022PQ Datasheet
258Kb / 3P
   Open fuse blocks
More results

Similar Description - BG3020-7

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
   25 Watt DC-DC Converters
IMR25 POWER-ONE-IMR25 Datasheet
122Kb / 3P
   25...40 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN25 TRACOPOWER-TEN25 Datasheet
223Kb / 3P
   DC/DC Converters TEN 25 Series, 25/30 Watt
Rev. August 30, 2022
logo
Murata Manufacturing Co...
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Artesyn Technologies
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
   Triple output 25 Watt Wide input DC-DC converters
logo
Tumbler Technologies + ...
TD6-16S123.3 TRUMPOWER-TD6-16S123.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25-30 Watt
logo
TRACO Electronic AG
TEN25WI TRACOPOWER-TEN25WI Datasheet
230Kb / 4P
   DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
   25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com