Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1526660000 Datasheet(PDF) 6 Page - Weidmuller

Part # 1526660000
Description  BLZ 5.08/4 SN OR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1526660000 Datasheet(HTML) 6 Page - Weidmuller

  1526660000 Datasheet HTML 1Page - Weidmuller 1526660000 Datasheet HTML 2Page - Weidmuller 1526660000 Datasheet HTML 3Page - Weidmuller 1526660000 Datasheet HTML 4Page - Weidmuller 1526660000 Datasheet HTML 5Page - Weidmuller 1526660000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZ 5.00/5.08/180 | BLZ 5.08/180
- 6 -
1528510000
BLZ 5.08/23 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 23, 180°, Box
1528660000
BLZ 5.08/24 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 24, 180°, Box
1528610000
BLZ 5.08/24 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 24, 180°, Box


Similar Part No. - 1526660000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1526664 PHOENIX-1526664 Datasheet
59Kb / 4P
   Sensor/Actuator cable - SAC-3P-M12MS/ 3,0-140/BI-1L-S
More results

Similar Description - 1526660000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1741640000 WEIDMULLER-1741640000 Datasheet
91Kb / 5P
   BLZ 5.08/2/225 SN OR
1526610000 WEIDMULLER-1526610000 Datasheet
98Kb / 6P
   BLZ 5.08/4 SN SW
1552760000 WEIDMULLER-1552760000 Datasheet
92Kb / 5P
   BLZ 5.08/2/90 SN OR
1742100000 WEIDMULLER-1742100000 Datasheet
95Kb / 5P
   BLZ 5.08/2/225B SN OR
1552910000 WEIDMULLER-1552910000 Datasheet
92Kb / 5P
   BLZ 5.08/4/90 SN SW
1557510000 WEIDMULLER-1557510000 Datasheet
95Kb / 5P
   BLZ 5.08/4/270 SN SW
1527010000 WEIDMULLER-1527010000 Datasheet
98Kb / 6P
   BLZ 5.08/8 SN SW
1528610000 WEIDMULLER-1528610000 Datasheet
97Kb / 6P
   BLZ 5.08/24 SN SW
1526810000 WEIDMULLER-1526810000 Datasheet
98Kb / 6P
   BLZ 5.08/6 SN SW
1527410000 WEIDMULLER-1527410000 Datasheet
98Kb / 6P
   BLZ 5.08/12 SN SW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com