Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1526810000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1526810000
Description  BLZ 5.08/6 SN SW
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1526810000 Datasheet(HTML) 5 Page - Weidmuller

  1526810000 Datasheet HTML 1Page - Weidmuller 1526810000 Datasheet HTML 2Page - Weidmuller 1526810000 Datasheet HTML 3Page - Weidmuller 1526810000 Datasheet HTML 4Page - Weidmuller 1526810000 Datasheet HTML 5Page - Weidmuller 1526810000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZ 5.00/5.08/180 | BLZ 5.08/180
- 5 -
1527660000
BLZ 5.08/14 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 14, 180°, Box
1527610000
BLZ 5.08/14 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 14, 180°, Box
1527760000
BLZ 5.08/15 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 15, 180°, Box
1527710000
BLZ 5.08/15 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 15, 180°, Box
1527860000
BLZ 5.08/16 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 16, 180°, Box
1527810000
BLZ 5.08/16 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 16, 180°, Box
1527960000
BLZ 5.08/17 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 17, 180°, Box
1527910000
BLZ 5.08/17 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 17, 180°, Box
1528060000
BLZ 5.08/18 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 18, 180°, Box
1528010000
BLZ 5.08/18 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 18, 180°, Box
1528160000
BLZ 5.08/19 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 19, 180°, Box
1528110000
BLZ 5.08/19 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 19, 180°, Box
1528260000
BLZ 5.08/20 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 20, 180°, Box
1528210000
BLZ 5.08/20 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 20, 180°, Box
1528360000
BLZ 5.08/21 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 21, 180°, Box
1528310000
BLZ 5.08/21 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 21, 180°, Box
1528460000
BLZ 5.08/22 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 22, 180°, Box


Similar Part No. - 1526810000

ManufacturerPart #DatasheetDescription
logo
Heyco.
15268 HEYCO-15268 Datasheet
142Kb / 1P
   Speed Bundle Clamps
logo
Molex Electronics Ltd.
15268-XXXX MOLEX2-15268-XXXX Datasheet
916Kb / 2P
   Premo-Flex??Flat Flex Cable Jumpers
logo
Festo Corporation.
1526825 FESTO-1526825 Datasheet
102Kb / 1P
   Rotary actuator
logo
PHOENIX CONTACT
1526861 PHOENIX-1526861 Datasheet
500Kb / 12P
   IPD PL 3P2,5 M A0,5 PVC GY - Connecting cable
1526862 PHOENIX-1526862 Datasheet
472Kb / 10P
   IPD PL 3P2,5 M A1,0 PVC GY - Connecting cable
More results

Similar Description - 1526810000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1527010000 WEIDMULLER-1527010000 Datasheet
98Kb / 6P
   BLZ 5.08/8 SN SW
1528610000 WEIDMULLER-1528610000 Datasheet
97Kb / 6P
   BLZ 5.08/24 SN SW
1527410000 WEIDMULLER-1527410000 Datasheet
98Kb / 6P
   BLZ 5.08/12 SN SW
1526610000 WEIDMULLER-1526610000 Datasheet
98Kb / 6P
   BLZ 5.08/4 SN SW
1527810000 WEIDMULLER-1527810000 Datasheet
97Kb / 6P
   BLZ 5.08/16 SN SW
1741870000 WEIDMULLER-1741870000 Datasheet
93Kb / 5P
   BLZ 5.08/2/225 SN SW
1552710000 WEIDMULLER-1552710000 Datasheet
92Kb / 5P
   BLZ 5.08/2/90 SN SW
1553510000 WEIDMULLER-1553510000 Datasheet
92Kb / 5P
   BLZ 5.08/10/90 SN SW
1552910000 WEIDMULLER-1552910000 Datasheet
92Kb / 5P
   BLZ 5.08/4/90 SN SW
1553310000 WEIDMULLER-1553310000 Datasheet
92Kb / 5P
   BLZ 5.08/8/90 SN SW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com