Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV8153PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV8153PW
Description  SERIAL-TO-PARALLEL INTERFACE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8153PW Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV8153PW Datasheet HTML 1Page - Texas Instruments SN74LV8153PW Datasheet HTML 2Page - Texas Instruments SN74LV8153PW Datasheet HTML 3Page - Texas Instruments SN74LV8153PW Datasheet HTML 4Page - Texas Instruments SN74LV8153PW Datasheet HTML 5Page - Texas Instruments SN74LV8153PW Datasheet HTML 6Page - Texas Instruments SN74LV8153PW Datasheet HTML 7Page - Texas Instruments SN74LV8153PW Datasheet HTML 8Page - Texas Instruments SN74LV8153PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN74LV8153
SERIALTOPARALLEL INTERFACE
SCLS555 − JUNE 2004
www.ti.com
2
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74LV8153N
SN74LV8153N
−40
°C to 85°C
TSSOP − PW
Tube
SN74LV8153PW
LV8153
−40 C to 85 C
TSSOP − PW
Tape and reel
SN74LV8153PWR
LV8153
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
PIN DESCRIPTION
PIN #
PIN NAME
I/O
PIN FUNCTION
1
VCC1
Power-supply pin (all inputs and outputs except for Y0-Y7)
2-4
A0, A1, A2
In
The address pins are used to program the address of the device and allow up to eight
devices to share the same bus.
5
D
In
Serial data input
6
OUTSEL
In
Choose between open-collector and push-pull type outputs (Y0-Y7).
7
RESET
In
Initialize register status
8
OE
In
Force Y0-Y7 to Hi-Z
9
SOUT
Out
Outputs a pulse when latch data is changed. Supplied by VCC1.
12-19
Y0-Y7
Out
Push-pull or open collector parallel data outputs. Supplied by VCC2.
20
VCC2
Power-supply pin for outputs (Y0-Y7). VCC2 can range from 3 V to 13.2 V.


Similar Part No. - SN74LV8153PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153PW TI-SN74LV8153PW Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153PWE4 TI-SN74LV8153PWE4 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153PWR TI-SN74LV8153PWR Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153PWRE4 TI-SN74LV8153PWRE4 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
More results

Similar Description - SN74LV8153PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX1661-MAX1663 MAXIM-MAX1661-MAX1663 Datasheet
148Kb / 16P
   Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
Rev 0; 10/97
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
   SERIAL TO PARALLEL
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
   CMOS PARALLEL-TO-SERIAL FIFO
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
logo
List of Unclassifed Man...
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
   Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com