Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5515AZCH10 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C5515AZCH10
Description  TMS320C5515 Fixed-Point Digital Signal Processor
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C5515AZCH10 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C5515AZCH10 Datasheet HTML 4Page - Texas Instruments TMS320C5515AZCH10 Datasheet HTML 5Page - Texas Instruments TMS320C5515AZCH10 Datasheet HTML 6Page - Texas Instruments TMS320C5515AZCH10 Datasheet HTML 7Page - Texas Instruments TMS320C5515AZCH10 Datasheet HTML 8Page - Texas Instruments TMS320C5515AZCH10 Datasheet HTML 9Page - Texas Instruments TMS320C5515AZCH10 Datasheet HTML 10Page - Texas Instruments TMS320C5515AZCH10 Datasheet HTML 11Page - Texas Instruments TMS320C5515AZCH10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
TMS320C5515
SPRS645A – JANUARY 2010 – REVISED MARCH 2010
www.ti.com
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 6.8.3
Table 6-10, Switching Characteristics Over Recommended Operating Conditions For XF:
XF Electrical Data/Timing
Updated/Changed associated "P = ..." footnote
Section 6.9
Section 6.9.2, EMIF Mobile Synchronous DRAM Memory Supported:
External Memory Interface
Updated/Changed section title
(EMIF)
Updated/Changed the fifth bullet
Added last paragraph to section
Section 6.9.4
Updated/Changed the section title
EMIF Electrical Data/Timing
Table 6-12, Timing Requirements for EMIF SDRAM/mSDRAM Interface:
CVDD = 1.05 V, DVDDEMIF =
Updated/Changed table header
3.3/2.8/2.5/1.8 V
Updated/Changed PARAMETER NO. 19, tsu(DV-CLKH), MIN value for DVDDEMIF = 3.3/2.8/2.5 V from "TBD"
to "3.4" ns
Updated/Changed PARAMETER NO. 19, tsu(DV-CLKH), MIN value for DVDDEMIF = 1.8 V from "TBD" to
"3.4" ns
Updated/Changed PARAMETER NO. 20, th(CLKH-DIV), MIN value for DVDDEMIF = 3.3/2.8/2.5 V from "1.1"
to "1.2" ns
Updated/Changed PARAMETER NO. 20, th(CLKH-DIV), MIN value for DVDDEMIF = 1.8 V from "1" to "1.2"
ns
Table 6-13, Switching Characteristics Over Recommended Operating Conditions for EMIF SDRAM/mSDRAM
Interface:
Updated/Changed table header
Deleted row for the following signal names: toh(CLKH-CSIV), toh(CLKH-DQMIV), toh(CLKH-AIV), toh(CLKH-DIV),
toh(CLKH-RASIV), toh(CLKH-CASIV), toh(CLKH-WEIV), tdis(CLKH-DHZ), tena(CLKH-DLZ), and toh(CLKH-WEIV)
Added NOM columns
Updated/Changed PARAMETER NO. 1, tc(CLK), MIN value for DVDDEMIF = 1.8 V from "E" to "2E" ns
Deleted PARAMETER NO. 2, tw(CLK), MIN value for DVDDEMIF = 3.3/2.8/2.5 V
Added PARAMETER NO. 2, tw(CLK), NOM value for DVDDEMIF = 3.3/2.8/2.5 V
Deleted PARAMETER NO. 2, tw(CLK), MIN value for DVDDEMIF = 1.8 V
Added PARAMETER NO. 2, tw(CLK), NOM value for DVDDEMIF = 1.8 V
Updated/Changed MIN values for DVDDEMIF = 3.3/2.8/2.5 V from "TBD" to "1.1" ns for the following signal
names: td(CLKH-CSV), td(CLKH-DQMV), td(CLKH-AV), td(CLKH-DV), td(CLKH-RASV), td(CLKH-CASV), td(CLKH-WEV), and
td(CLKH-CKEV)
Updated/Changed MAX values for DVDDEMIF = 3.3/2.8/2.5 V from "TBD" to "13.2" ns for the following
signal names: td(CLKH-CSV), td(CLKH-DQMV), td(CLKH-AV), td(CLKH-DV), td(CLKH-RASV), td(CLKH-CASV), td(CLKH-WEV),
and td(CLKH-CKEV)
Updated/Changed MIN values for DVDDEMIF = 1.8 V from "TBD" to "1.1" ns for the following signal
names: td(CLKH-CSV), td(CLKH-DQMV), td(CLKH-AV), td(CLKH-DV), td(CLKH-RASV), td(CLKH-CASV), td(CLKH-WEV), and
td(CLKH-CKEV)
Updated/Changed MAX values for DVDDEMIF = 1.8 V from "TBD" to "13.2" ns for the following signal
names: td(CLKH-CSV), td(CLKH-DQMV), td(CLKH-AV), td(CLKH-DV), td(CLKH-RASV), td(CLKH-CASV), td(CLKH-WEV), and
td(CLKH-CKEV)
Updated/Changed associated footnote
Table 6-14, Timing Requirements for EMIF Asynchronous Memory:
Updated/Changed table header
Deleted PARAMETER NO. 2, tw(EM_WAIT), NOM value
Added PARAMETER NO. 2, tw(EM_WAIT), MIN value
Updated/Changed associated "E = ..." footnote
Table 6-15, Switching Characteristics Over Recommended Operating Conditions for EMIF Asynchronous
Memory:
Updated/Changed table header
Updated/Changed associated "E = ..." footnote
8
Revision History
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C5515


Similar Part No. - TMS320C5515AZCH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5515AZCH10 TI-TMS320C5515AZCH10 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5515AZCH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C55 TI-TMS320C55_15 Datasheet
869Kb / 159P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
TMS320C5515 TI-TMS320C5515 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com