Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK1601-7R Datasheet(PDF) 2 Page - Power-One

Part # BK1601-7R
Description  150 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

BK1601-7R Datasheet(HTML) 2 Page - Power-One

  BK1601-7R Datasheet HTML 1Page - Power-One BK1601-7R Datasheet HTML 2Page - Power-One BK1601-7R Datasheet HTML 3Page - Power-One BK1601-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.ch
Input
Input voltage
6 wide-input ranges (1:5)
refer to selection chart
Inrush current limitation
CK, DK, EK by thermistor
Output
Efficiency
Ui nom, Io nom
up to 87 %
Output voltage setting accuracy
Ui nom, Io nom
±0.6% U
o nom
Output voltage switching noise
IEC/EN 61204, total
typ. 100 mVpp
Line regulation
Ui min...Ui max, Io nom
typ.
±0.3%
Load regulation
Ui nom, 10...100% Io nom, symmetrical output load
typ. 0.4 %
Minimum load
not required
0 A
Current limitation
rectangular U/I characteristic
typ. 110 %
Io nom
Operation in parallel
by current limitation
Hold-up time
Ui nom, Io nom, C/D/E/FK with ext. diode in input line
4...30 ms
Ui nom, Io nom, A/BK with ext. diode in input line
typ. 1 ms
Control and protection
Input reverse polarity
built-in fuse, not user accessible
Input undervoltage lockout
typ. 80 %
Ui min
Input overvoltage lockout
typ. 108 %
Ui max
Input transient protection
varistor or suppressor diode
Output
no-load, overload and short circuit proof
Output overvoltage
suppressor diode in each output
typ. 130%
Uo nom
Overtemperature
switch-off with auto restart
TC typ 100
°C
Output voltage adjustment
0...110%
Uo nom
Inhibit
TTL input, output(s) disabled if left open
Status indication
LEDs: OK, inhibit, overload
Safety
Approvals
EN 60950, UL 1950, CSA 22.2 No. 950
Protection degree
IP 30
Class of equipment
class I
Electric strength test voltage
I/case
2 kV AC
I/O
4 kV AC
O/case
1 kV AC
O/O
0.1 kV AC
Cassette Style
K Series
Output 1
Output 2
Type
Type
Type
Options
Uo nom
Io nom
Uo nom
Io nom
Input voltage
Input voltage
Input voltage
[V DC]
[A]
[V DC]
[A]
28...140 V DC
44...220 V DC
67...385 V DC
5.1
25
-
-
CK 1001-7R
DK 1001-7R
-
-9, E, D, V, P, T, B1
12
12
-
-
CK 1301-7R
DK 1301-7R
EK 1301-7R
-9, E, D, P, T, B1
15
10
-
-
CK 1501-7R
DK 1501-7R
EK 1501-7R
-9, E, D, P, T, B1
24
6
-
-
CK 1601-7R
DK 1601-7R
EK 1601-7R
-9, E, D, P, T, B1
24
6
-
-
CK 2320-7R
DK 2320-7R
EK 2320-7R
-9, E, D, P, T, B1
30
5
-
-
CK 2540-7R
DK 2540-7R
EK 2540-7R
-9, E, D, P, T, B1
48
3
-
-
CK 2660-7R
DK 2660-7R
EK 2660-7R
-9, E, D, P, T, B1
12
6
12
6
CK 2320-7R
DK 2320-7R
EK 2320-7R
-9, E, D, P, T, B1
15
5
15
5
CK 2540-7R
DK 2540-7R
EK 2540-7R
-9, E, D, P, T, B1
24
3
24
3
CK 2660-7R
DK 2660-7R
EK 2660-7R
-9, E, D, P, T, B1


Similar Part No. - BK1601-7R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1608HM101-T TAIYO-YUDEN-BK1608HM101-T Datasheet
1Mb / 27P
   MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1608HM102 TAIYO-YUDEN-BK1608HM102 Datasheet
1Mb / 27P
   MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1608HM102-T TAIYO-YUDEN-BK1608HM102-T Datasheet
1Mb / 27P
   MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1608HM102-T TAIYO-YUDEN-BK1608HM102-T Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors (BK series)
BK1608HM102-TV TAIYO-YUDEN-BK1608HM102-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors for Automotive
More results

Similar Description - BK1601-7R

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPE-28SC28-A ETA-USA-EPE-28SC28-A Datasheet
123Kb / 3P
   150 WATT DC-DC Converters
logo
List of Unclassifed Man...
CHB150-110S ETC2-CHB150-110S Datasheet
165Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB150-110S CINCON-CHB150-110S Datasheet
204Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
Power-One
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
logo
CINCON ELECTRONICS Corp...
CQB150-300S CINCON-CQB150-300S Datasheet
212Kb / 2P
   150 WATT 2:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-24S05 CINCON-CQB150W-24S05 Datasheet
616Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-110S CINCON-CQB150W-110S Datasheet
318Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 CINCON-CHB150 Datasheet
126Kb / 2P
   99 - 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com