Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1615860000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1615860000
Description  BL 3.5/10F SN SW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1615860000 Datasheet(HTML) 2 Page - Weidmuller

  1615860000 Datasheet HTML 1Page - Weidmuller 1615860000 Datasheet HTML 2Page - Weidmuller 1615860000 Datasheet HTML 3Page - Weidmuller 1615860000 Datasheet HTML 4Page - Weidmuller 1615860000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) | Socket connectors,
screw clamp connection, pitch 3.5 | BLZ 3.5 | BL 3.5/180F
- 2 -
Material data
Contact base material
Copper alloy
Contact surface
tinned
Connectable conductors
Clamping range, min.
0.08 mm²
Clamping range, max.
1.5 mm²
AWG, min.
14
AWG, max.
28
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
1.5 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
1.5 mm²
With wire end ferrule, acc. to DIN 46 228/1, min.
0.2 mm²
With wire end ferrule, acc. to DIN 46 228/1, max. 1.5 mm²
w. plastic collar ferrule, DIN 46228 pt 4, min.
0.2 mm²
w. plastic collar ferrule, DIN 46228 pt 4, max.
1.5 mm²
Gauge to EN 60999 a x b; ø
2.4 mm x 1.5 mm;
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
17 A
Rated current, max. No. pins (Tu=20°C)
12 A
Rated current, min. No. pins(Tu=40°C)
14.5 A
Rated current, max. No. pins (Tu=40°C)
10 A
Rated voltage for overvoltage class/pollution
severity II/2
320 V
Rated voltage for overvoltage class/pollution
severity III/2
160 V
Rated voltage for overvoltage class/pollution
severity III/3
160 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
2.5 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
2.5 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
2.5 kV
Short-time withstand current resistance
3 x 1s with 100 A
CSA rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
AWG conductor (field wiring), min.
28
AWG conductor (field wiring), max.
14
UL 1059 rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
AWG conductor, min.
28
AWG conductor, max.
14


Similar Part No. - 1615860000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1615800000 WEIDMULLER-1615800000 Datasheet
98Kb / 5P
   BL 3.5/4F SN SW
1615820000 WEIDMULLER-1615820000 Datasheet
98Kb / 5P
   BL 3.5/6F SN SW
1615840000 WEIDMULLER-1615840000 Datasheet
98Kb / 5P
   BL 3.5/8F SN SW
More results

Similar Description - 1615860000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1779880000 WEIDMULLER-1779880000 Datasheet
72Kb / 3P
   BL-I/O 3.5/10F SW
1615820000 WEIDMULLER-1615820000 Datasheet
98Kb / 5P
   BL 3.5/6F SN SW
1615840000 WEIDMULLER-1615840000 Datasheet
98Kb / 5P
   BL 3.5/8F SN SW
1615730000 WEIDMULLER-1615730000 Datasheet
96Kb / 5P
   BL 3.5/12 SN SW
1610180000 WEIDMULLER-1610180000 Datasheet
96Kb / 5P
   BL 3.5/6 SN SW
1610200000 WEIDMULLER-1610200000 Datasheet
96Kb / 5P
   BL 3.5/10 SN SW
1615790000 WEIDMULLER-1615790000 Datasheet
98Kb / 5P
   BL 3.5/3F SN SW
1615680000 WEIDMULLER-1615680000 Datasheet
96Kb / 5P
   BL 3.5/3 SN SW
1615770000 WEIDMULLER-1615770000 Datasheet
96Kb / 5P
   BL 3.5/16 SN SW
1615780000 WEIDMULLER-1615780000 Datasheet
98Kb / 5P
   BL 3.5/2F SN SW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com