Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1624150000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1624150000
Description  SL 7.62/2/90 3.2SN OR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1624150000 Datasheet(HTML) 3 Page - Weidmuller

  1624150000 Datasheet HTML 1Page - Weidmuller 1624150000 Datasheet HTML 2Page - Weidmuller 1624150000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 7.50 / 7.62 mm (0.295 / 0.300 inch) | Plug
connectors, solder connection, pitch 7.50/7.62 | SL 7.50-7.62/90 | SL 7.62/90
- 3 -
Approvals
Approvals institutes
Downloads
CAD Library (P-CAD Format - Standard)
SL.LIB
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1624160000
SL 7.62/3/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 3, 90°, Box
1624170000
SL 7.62/4/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 4, 90°, Box
1624180000
SL 7.62/5/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 5, 90°, Box
1624190000
SL 7.62/6/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 6, 90°, Box
1624200000
SL 7.62/7/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 7, 90°, Box
1624210000
SL 7.62/8/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 8, 90°, Box
1624220000
SL 7.62/9/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 9, 90°, Box
1624230000
SL 7.62/10/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 10, 90°, Box
1624240000
SL 7.62/11/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 11, 90°, Box
1624250000
SL 7.62/12/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.62 mm, No. of poles: 12, 90°, Box


Similar Part No. - 1624150000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1624153 PHOENIX-1624153 Datasheet
692Kb / 11P
   DC charging cable - EV-T2M4CC-DC200A-7,0M50ESBK11
1624153 PHOENIX-1624153 Datasheet
198Kb / 4P
   Charging connector holder - EV-T2CCS-PARK
More results

Similar Description - 1624150000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1625030000 WEIDMULLER-1625030000 Datasheet
93Kb / 3P
   SL 7.62/2/180 3.2SN OR
1597210000 WEIDMULLER-1597210000 Datasheet
92Kb / 4P
   SL 3.5/2/90 3.2SN OR
1628360000 WEIDMULLER-1628360000 Datasheet
91Kb / 3P
   SL 7.50/2/90 3.2SN OR
1571140000 WEIDMULLER-1571140000 Datasheet
91Kb / 4P
   SL 5.00/3/90 3.2SN OR
1624370000 WEIDMULLER-1624370000 Datasheet
85Kb / 3P
   SL 7.62/2/90B3.2SN OR
1625250000 WEIDMULLER-1625250000 Datasheet
93Kb / 3P
   SL 7.62/2/180B3.2SN OR
1581320000 WEIDMULLER-1581320000 Datasheet
93Kb / 4P
   SL 5.00/2/180 3.2SN OR
1630250000 WEIDMULLER-1630250000 Datasheet
87Kb / 4P
   SL 5.00/2/135 3.2SN OR
1629020000 WEIDMULLER-1629020000 Datasheet
92Kb / 3P
   SL 7.50/2/180 3.2SN OR
1604770000 WEIDMULLER-1604770000 Datasheet
101Kb / 4P
   SL 3.5/2/180 3.2SN OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com