Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BWD2412 Datasheet(PDF) 1 Page - Power-One

Part # BWD2412
Description  DUAL OUTPUT, 2.5 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

BWD2412 Datasheet(HTML) 1 Page - Power-One

  BWD2412 Datasheet HTML 1Page - Power-One BWD2412 Datasheet HTML 2Page - Power-One BWD2412 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
1
40
45
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF.
BWD4812
EFF.
BWD4808
40
45
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF.
BWD2415
EFF.
BWD2412
TECHNICAL SPECIFICATIONS
General
DESCRIPTION
FEATURES
BWD SERIES - DUAL OUTPUT, 2.5 WATT
No Load Input Power
0.7 W
Switching Frequency
200 kHz
Isolation
Input - Output
500 VDC
Input - Case
500 VDC
Output - Case
500 VDC
Isolation Resistance - Input to Output
109 Ohms
Isolation Capacitance - Input to Output
80 pF
Case Temperature
Standard Operating Range
-25 to +85°C
Storage Range
-40 to +125°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
Safety
UL, CUL, TUV
Weight (Approx.)
0.7 oz
• Industry Standard Dip
Package
• Industry Standard Pinout
• 85°C Case Operation
• Wide Range Input
• Input Pi Filter
• 500V Isolation
• Short Circuit Protection
BWD dual output DC/DC converters offer excellent
regulation and isolation in an industry standard DIP
package. With several input voltage ranges, the BWD
is perfect for industrial, telecom, and networking
applications. The BWD features short circuit
protection, low profile, and 500 VDC isolation. Please
see the BWS series for single output applications.
Input
Voltage Range
5 VDC Nominal
4.5 - 9 VDC
12 VDC Nominal
9 - 18 VDC
24 VDC Nominal
19 - 36 VDC
48 VDC Nominal
36 - 72 VDC
Reflected Ripple
20% I
in Max.
Reverse Input Current
100% I
in Max.
Output
Setpoint Accuracy
±1%
Line Regulation V
in Min. - Vin Max., Iout Rated
±1.5% V
out
Load Regulation I
out Min. - Iout Max., Vin Nom.
±2.5% V
out
Minimum Output Current
10 % l
out Rated
Dynamic Regulation, 1/4 to Full Load Step
25% I
out
Pk Deviation
4% V
out
Settling Time
500
µs
Temperature Coefficient
0.02%/°C
Ripple and Noise, 20 MHz BW
150 mV
Short Circuit Protection 1
Continuous Auto-restart
Current Limit
180%
1
Continuous short circuit protection is provided. Long-term continuous operation in
this mode is not recommended. Converter will auto-restart once fault has been
removed
Specifications typically at 25°C, normal line, and full load, unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.
Efficiency vs. Load (24V Input)
Efficiency vs. Load (48V Input)
Notes


Similar Description - BWD2412

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R12-180S15P RECOM-R12-180S15P_06 Datasheet
80Kb / 2P
   2 ~ 2.5 Watt Single Output
logo
DATEL, Inc.
SB48S2.5-20 DATEL-SB48S2.5-20 Datasheet
185Kb / 1P
   Sixteenth-Brick 50-Watt, 2.5 Volts Output
logo
Power-One
DRD512 POWER-ONE-DRD512 Datasheet
46Kb / 2P
   DUAL OUTPUT, 2 WATT
DUD512 POWER-ONE-DUD512 Datasheet
45Kb / 2P
   DUAL OUTPUT, 6 WATT
OBD025YGG POWER-ONE-OBD025YGG Datasheet
76Kb / 3P
   DUAL OUTPUT, 25 WATT
TQD100YGE POWER-ONE-TQD100YGE Datasheet
118Kb / 3P
   DUAL OUTPUT, 100 WATT
EWD POWER-ONE-EWD Datasheet
78Kb / 3P
   DUAL OUTPUT, 5 WATT
FRD POWER-ONE-FRD Datasheet
86Kb / 3P
   DUAL OUTPUT, 5 WATT
XWD1205 POWER-ONE-XWD1205 Datasheet
78Kb / 3P
   DUAL OUTPUT, 180 WATT
logo
Recom International Pow...
RD-XX05D RECOM-RD-XX05D Datasheet
99Kb / 2P
   Watt SIP7 Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com