Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1628470000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1628470000
Description  SL 7.50/2/90B3.2SN OR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1628470000 Datasheet(HTML) 3 Page - Weidmuller

  1628470000 Datasheet HTML 1Page - Weidmuller 1628470000 Datasheet HTML 2Page - Weidmuller 1628470000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 7.50 / 7.62 mm (0.295 / 0.300 inch) | Plug
connectors, solder connection, pitch 7.50/7.62 | SL 7.50-7.62/90 | SL 7.50/90B
- 3 -
Approvals
Approvals institutes
Downloads
CAD Library (P-CAD Format - Standard)
SL.LIB
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1628480000
SL 7.50/3/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 3, 90°, Box
1628490000
SL 7.50/4/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 4, 90°, Box
1628500000
SL 7.50/5/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 5, 90°, Box
1628510000
SL 7.50/6/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 6, 90°, Box
1628520000
SL 7.50/7/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 7, 90°, Box
1628530000
SL 7.50/8/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 8, 90°, Box
1628540000
SL 7.50/9/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 9, 90°, Box
1628550000
SL 7.50/10/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 10, 90°, Box
1628560000
SL 7.50/11/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 11, 90°, Box
1628570000
SL 7.50/12/90B3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 7.50 mm, No. of poles: 12, 90°, Box


Similar Part No. - 1628470000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628484 PHOENIX-1628484 Datasheet
601Kb / 15P
   M23-7EP198AA600S - Device connector front mounting
1628485 PHOENIX-1628485 Datasheet
593Kb / 15P
   M23-5EP198AA600S - Device connector front mounting
1628486 PHOENIX-1628486 Datasheet
620Kb / 16P
   M23-7EP198AA500S - Device connector front mounting
1628487 PHOENIX-1628487 Datasheet
589Kb / 14P
   M23-5EP198AA500S - Device connector front mounting
1628488 PHOENIX-1628488 Datasheet
607Kb / 15P
   M23-7ES198AA600S - Device connector front mounting
More results

Similar Description - 1628470000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1629130000 WEIDMULLER-1629130000 Datasheet
92Kb / 3P
   SL 7.50/2/180B3.2SN OR
1510360000 WEIDMULLER-1510360000 Datasheet
92Kb / 4P
   SL 5.08/2/90B3.2SN OR
1580860000 WEIDMULLER-1580860000 Datasheet
90Kb / 4P
   SL 5.00/2/90B3.2SN OR
1624370000 WEIDMULLER-1624370000 Datasheet
85Kb / 3P
   SL 7.62/2/90B3.2SN OR
1629020000 WEIDMULLER-1629020000 Datasheet
92Kb / 3P
   SL 7.50/2/180 3.2SN OR
1628360000 WEIDMULLER-1628360000 Datasheet
91Kb / 3P
   SL 7.50/2/90 3.2SN OR
1580870000 WEIDMULLER-1580870000 Datasheet
90Kb / 4P
   SL 5.00/3/90B3.2SN OR
1510460000 WEIDMULLER-1510460000 Datasheet
92Kb / 4P
   SL 5.08/3/90B3.2SN OR
1604470000 WEIDMULLER-1604470000 Datasheet
100Kb / 4P
   SL 3.5/2/180G3.2SN OR
1630480000 WEIDMULLER-1630480000 Datasheet
86Kb / 4P
   SL 5.00/2/135B3.2SN OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com