Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS1001-7R Datasheet(PDF) 3 Page - Power-One

Part # FS1001-7R
Description  100 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FS1001-7R Datasheet(HTML) 3 Page - Power-One

  FS1001-7R Datasheet HTML 1Page - Power-One FS1001-7R Datasheet HTML 2Page - Power-One FS1001-7R Datasheet HTML 3Page - Power-One FS1001-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.com
S Series
100 Watt DC-DC Converters
Pin allocation
Pin
AS...ES 1000
AS...ES 2000
4
Vo1+
Output 1
Vo2+
Output 2
6
Vo1+
Vo2+
8Vo1–
Output 1
Vo2–
Output 2
10
Vo1–
Vo2–
12
S+
Sense
Vo1+
Output 1
14
S–
Sense
Vo1–
16
R
Control of
Uo1
R
Control of
Uo1
18
i
Inhibit
i
Inhibit
20
D
Save data
D
Save data
V
ACFAIL
22
T
Current sharing
T
Current sharing
24
Protective earth
Protective earth
26
Vi+
Input
Vi+
Input
28
Vi+
Vi+
30
Vi–
Input
Vi–
Input
32
Vi–
Vi–
S10002
32 28 24 20 16 12
8
4
30 26 22 18 14 10
6
Environmental
Operating ambient temperature
Ui nom, Io nom, convection cooled
–25...71
°C
Operating case temperature
TC Ui nom, Io nom
–25...95
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 6 ms
100 gn
Bump
IEC/EN 60068-2-29, 6 ms
40 gn
Random vibration
IEC/EN 60068-2-64, 20...500 Hz
4.9 gn rms
MTBF
MIL-HDBK-217F, GB, 40
°C
500'000 h
Options
Extended temperature range
–40...71
°C, ambient, operating
-9
Electronic inrush current limitation
E
Output voltage adjustment
40...110%
Uo nom, excludes feature R and vice versa
P
Input and/or output undervoltage monitoring, excludes option V
D0…D9
Input and/or output undervoltage monitoring (VME), excludes option D
V0, V2, V3
Current sharing
T
Cooling plate
B1


Similar Part No. - FS1001-7R

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
FS1001FL YENYO-FS1001FL Datasheet
212Kb / 2P
   1.0A Super Fast Recovery Rectifier
More results

Similar Description - FS1001-7R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB100-110S CINCON-CHB100-110S Datasheet
189Kb / 2P
   100 WATT DC-DC CONVERTERS
CQB100-110S3V3 CINCON-CQB100-110S3V3 Datasheet
319Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Astrodyne Corporation
ASD100-24S12W ASTRODYNE-ASD100-24S12W Datasheet
1Mb / 4P
   100 WATT ASD SINGLE SERIES DC/DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com