Electronic Components Datasheet Search |
|
GQ2540-7R Datasheet(PDF) 4 Page - Power-One |
|
GQ2540-7R Datasheet(HTML) 4 Page - Power-One |
4 / 4 page 4 www.power-one.com Mechanical data Tolerances ±0.3 mm (0.012") unless otherwise indicated. European Projection Cassette Style Q Series 104 (4.09") 60 (2.36") 111 (4.37") Potentiometer (option P) LED "OUT OK" M3; 4 deep Measuring point of case temperature T C Pin allocation Pin Electrical determination Q 1000 Q 2000 4 Output voltage (positive) Vo1+ Vo1+ 6 Output voltage (positive) Vo1+ Vo2+ 8 Output voltage (negative) Vo1– Vo1– 10 Output voltage (negative) Vo1– Vo2– 12 Sense line (positive) S+ S+ 14 Sense line (negative) S– S– 16 Output voltage control input R R 18 Current sharing control input T T 20 Do not connect (internal Gnd.) - - 22 Output good signal (positive) Out OK+ Out OK + 24 Output good signal (negative) Out OK– Out OK – 26 Protective earth 28 Inhibit control input i i 30 Input voltage (positive) Vi+ Vi + 32 Input voltage (negative) Vi– Vi – |
Similar Part No. - GQ2540-7R |
|
Similar Description - GQ2540-7R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |