Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCSS-203-D-08-G-LF Datasheet(PDF) 2 Page - Major League Electronics

Part # BCSS-203-D-08-G-LF
Description  .079 cl Box Contact Socket Strip - Horizontal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

BCSS-203-D-08-G-LF Datasheet(HTML) 2 Page - Major League Electronics

  BCSS-203-D-08-G-LF Datasheet HTML 1Page - Major League Electronics BCSS-203-D-08-G-LF Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Revision B - 17th July 2009
Body Height amended from .157 (4.00mm) to .197 (5.00mm)
Revisions
15 FEB 07
BCSS-2-D-08 SERIES
Box Contact Socket Strip
.079 cl Dual Row - Horizontal


Similar Part No. - BCSS-203-D-08-G-LF

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
BCSS-203-D-02-F-LF MAJOR-LEAGUE-BCSS-203-D-02-F-LF Datasheet
237Kb / 1P
   .079 cl Dual Row Box Contact Socket Strip
BCSS-203-D-02-G-LF MAJOR-LEAGUE-BCSS-203-D-02-G-LF Datasheet
237Kb / 1P
   .079 cl Dual Row Box Contact Socket Strip
BCSS-203-D-02-GT-LF MAJOR-LEAGUE-BCSS-203-D-02-GT-LF Datasheet
237Kb / 1P
   .079 cl Dual Row Box Contact Socket Strip
BCSS-203-D-02-H-LF MAJOR-LEAGUE-BCSS-203-D-02-H-LF Datasheet
237Kb / 1P
   .079 cl Dual Row Box Contact Socket Strip
BCSS-203-D-02-T-LF MAJOR-LEAGUE-BCSS-203-D-02-T-LF Datasheet
237Kb / 1P
   .079 cl Dual Row Box Contact Socket Strip
More results

Similar Description - BCSS-203-D-08-G-LF

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
BCSS-2-SH MAJOR-LEAGUE-BCSS-2-SH Datasheet
75Kb / 1P
   .079 cl Single Row - Horizontal Box Contact Socket Strip
BCSS-2-DV MAJOR-LEAGUE-BCSS-2-DV Datasheet
237Kb / 1P
   .079 cl Dual Row Box Contact Socket Strip
BCSS-2-SV MAJOR-LEAGUE-BCSS-2-SV Datasheet
235Kb / 1P
   .079 cl Single Row Box Contact Socket Strip
BCSS-1-DH MAJOR-LEAGUE-BCSS-1-DH Datasheet
124Kb / 2P
   100 cl Box Connextor Socket Strip-Horizontal
BCSS-1-SH MAJOR-LEAGUE-BCSS-1-SH Datasheet
123Kb / 2P
   .100 cl Single Row Box Connector Socket Strip - Horizontal 12 JAN 07
SMBC-1-SH MAJOR-LEAGUE-SMBC-1-SH Datasheet
256Kb / 1P
   .100 cl Single Row Surface Mount Box Contact - Horizontal
LBCSS-1-D MAJOR-LEAGUE-LBCSS-1-D Datasheet
112Kb / 2P
   .100 cl Dual Row Box Connector Socket Strip
LBCSS-1-S MAJOR-LEAGUE-LBCSS-1-S Datasheet
236Kb / 1P
   .100 cl Single Row Box Connector Socket Strip
BCSS-1-DV MAJOR-LEAGUE-BCSS-1-DV Datasheet
120Kb / 2P
   .100 cl Dual Row Box Connector Socket Strip - Vertical
BCSS-1-SV MAJOR-LEAGUE-BCSS-1-SV Datasheet
87Kb / 2P
   .100 cl Single Row Box Connector Socket Strip - Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com