Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFA20E12D12 Datasheet(PDF) 4 Page - Power-One

Part # DFA20E12D12
Description  DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DFA20E12D12 Datasheet(HTML) 4 Page - Power-One

  DFA20E12D12 Datasheet HTML 1Page - Power-One DFA20E12D12 Datasheet HTML 2Page - Power-One DFA20E12D12 Datasheet HTML 3Page - Power-One DFA20E12D12 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
DFA20 SERIES – DUAL OUTPUT
Typical Performance: (Tc=25°C, Vin=Nom VDC, Rated Load)
85
80
75
70
040
30
20
LINE = 18VDC
LINE = 12VDC
LINE = 9VDC
10
50
60
70
80
90 100
12 VOLT EFFICIENCY Vs. LOAD
LOAD (%)
85
80
75
70
915
13
14
17
16
12
11
100% FULL LOAD
50% FULL LOAD
10
18
12 VOLT EFFICIENCY Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
90
80
85
75
70
040
30
20
LINE = 36VDC
LINE = 24VDC
LINE = 18VDC
10
50
60
70
80
90 100
24 VOLT EFFICIENCY Vs. LOAD
LOAD (%)
90
85
80
75
18
30
26
28
34
32
24
22
100% FULL LOAD
50% FULL LOAD
20
36
24 VOLT EFFICIENCY Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
90
80
75
60
040
30
20
LINE = 72VDC
LINE = 48VDC
LINE = 36VDC
10
50
60
70
80
90 100
48 VOLT EFFICIENCY Vs. LOAD
LOAD (%)
90
85
80
75
70
36
60
52
56
68
64
48
44
100% FULL LOAD
50% FULL LOAD
40
72
48 VOLT EFFICIENCY Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
1.00
0.50
0.75
0.25
0.00
040
30
20
100% LOAD
50% LOAD
10
50
60
70
80
48 VOLT INPUT CURRENT Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
2)
The efficiency curves are for 12 volt output models. To use for other models
adjust as follows:
±5 volt models subtract approximately 3%.
±15volt models add approximately 1%.
NOTES ON USING THE CURVES
1)
The input currents are for 20 watts of output power. For ±5 volt output models
the current is approximately 15% less.
2.0
1.0
1.5
0.5
0.0
016
12
8
100% LOAD
50% LOAD
420
24
28
32
36
24 VOLT INPUT CURRENT Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
3.5
3.0
2.0
2.5
1.0
1.5
0.5
0.0
08
6
4
100% LOAD
50% LOAD
210
12
14
16
18
12 VOLT INPUT CURRENT Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)


Similar Part No. - DFA20E12D12

ManufacturerPart #DatasheetDescription
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
DFA20E12S12 POWER-ONE-DFA20E12S12 Datasheet
1Mb / 4P
   SINGLE OUTPUT
DFA20E12S15 POWER-ONE-DFA20E12S15 Datasheet
1Mb / 4P
   SINGLE OUTPUT
DFA20E12S3.3 POWER-ONE-DFA20E12S3.3 Datasheet
1Mb / 4P
   SINGLE OUTPUT
DFA20E12S5 POWER-ONE-DFA20E12S5 Datasheet
1Mb / 4P
   SINGLE OUTPUT
More results

Similar Description - DFA20E12D12

ManufacturerPart #DatasheetDescription
logo
Power-One
DSP1N5D5 POWER-ONE-DSP1N5D5 Datasheet
236Kb / 2P
   DUAL OUTPUT
logo
XP Power Limited
IA2405D XPPOWER-IA2405D Datasheet
98Kb / 1P
   Dual Output
logo
NIHON DEMPA KOGYO
NZ2016SK NDK-NZ2016SK_18 Datasheet
870Kb / 1P
   Dual output
logo
Power-One
DFC15U48D12 POWER-ONE-DFC15U48D12 Datasheet
860Kb / 3P
   DUAL OUTPUT
logo
Artesyn Technologies
AFC5-F ARTESYN-AFC5-F Datasheet
52Kb / 2P
   Dual output
logo
XP Power Limited
SF_IA XPPOWER-SF_IA Datasheet
225Kb / 1P
   Dual Output
logo
Power-One
DGP12U5D5 POWER-ONE-DGP12U5D5 Datasheet
798Kb / 3P
   DUAL OUTPUT
logo
XP Power Limited
IH2412D XPPOWER-IH2412D Datasheet
95Kb / 1P
   Dual Output
IH2415D XPPOWER-IH2415D Datasheet
95Kb / 1P
   Dual Output
logo
Power-One
DFC10U POWER-ONE-DFC10U Datasheet
879Kb / 3P
   DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com