Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1716380000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1716380000
Description  BL 5.08/8 SN OR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1716380000 Datasheet(HTML) 3 Page - Weidmuller

  1716380000 Datasheet HTML 1Page - Weidmuller 1716380000 Datasheet HTML 2Page - Weidmuller 1716380000 Datasheet HTML 3Page - Weidmuller 1716380000 Datasheet HTML 4Page - Weidmuller 1716380000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, pressure clamp connection, pitch 5.00/5.08 | BL 5.00/5.08 | BL 5.08
- 3 -
Approvals
Approvals institutes
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1716320000
BL 5.08/2 SN OR
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 2,
180°, Box
1716470000
BL 5.08/2 SN SW
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 2,
180°, Box
1723830000
BL 5.08/2 SN GN
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 2,
180°, Box
1716330000
BL 5.08/3 SN OR
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 3,
180°, Box
1716480000
BL 5.08/3 SN SW
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 3,
180°, Box
1723840000
BL 5.08/3 SN GN
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 3,
180°, Box
1716340000
BL 5.08/4 SN OR
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 4,
180°, Box
1716490000
BL 5.08/4 SN SW
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 4,
180°, Box
1723850000
BL 5.08/4 SN GN
PCB plug-in connector, Female connectors, Leaf spring connection,
Clamping range, max.: 2.08 mm², Pitch: 5.08 mm, No. of poles: 4,
180°, Box


Similar Part No. - 1716380000

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
171638 TEC-171638 Datasheet
90Kb / 2P
   Extraction Tool 2063388- 1
logo
PHOENIX CONTACT
1716386 PHOENIX-1716386 Datasheet
68Kb / 3P
   Printed-circuit board connector - DFK-PCV 5/12-G-7,62
More results

Similar Description - 1716380000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1716340000 WEIDMULLER-1716340000 Datasheet
97Kb / 5P
   BL 5.08/4 SN OR
1716360000 WEIDMULLER-1716360000 Datasheet
97Kb / 5P
   BL 5.08/6 SN OR
1526660000 WEIDMULLER-1526660000 Datasheet
97Kb / 6P
   BLZ 5.08/4 SN OR
1615700000 WEIDMULLER-1615700000 Datasheet
96Kb / 5P
   BL 3.5/8 SN SW
1741640000 WEIDMULLER-1741640000 Datasheet
91Kb / 5P
   BLZ 5.08/2/225 SN OR
1500110000 WEIDMULLER-1500110000 Datasheet
96Kb / 6P
   BLT 5.08/8 SN SW
1527010000 WEIDMULLER-1527010000 Datasheet
98Kb / 6P
   BLZ 5.08/8 SN SW
1552760000 WEIDMULLER-1552760000 Datasheet
92Kb / 5P
   BLZ 5.08/2/90 SN OR
1742100000 WEIDMULLER-1742100000 Datasheet
95Kb / 5P
   BLZ 5.08/2/225B SN OR
1638840000 WEIDMULLER-1638840000 Datasheet
92Kb / 5P
   BL 3.5/8/90 SN SW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com