Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OC-35-10048 Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # OC-35-10048
Description  3.2X5X1.2mm / 3.3V / SMD / HCMOS/TTL Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

OC-35-10048 Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  OC-35-10048 Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OC-35 Series
3.2X5X1.2mm / 3.3V / SMD / HCMOS/TTL Oscillator
ELECTRICAL SPECIFICATIONS
Revision: 2003-B
Frequency Range
1.544MHz to 156.250MHz / 32.768kHz @ 3.3V)
Operating Temperature Range
-10°C to 70°C / -20°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
A=1.8Vdc / B=2.5Vdc / BLANK=3.3Vdc ±10%
Input Current
1.544MHz to 36.000MHz and 32.768kHz
36,001MHz to 70.000MHz
70.001MHz to 125.000MHz
2mA Maximum
5mA Maximum
7mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±30ppm, ±25ppm, ±20ppm
(±50ppm for 32.768kHz only)
Output Voltage Logic High (Voh)
w/HCMOS or TTL Load
90% of Vdd Min. / Ioh=-8mA
Output Voltage Logic Low (Vol)
wHCMOS or TTL Load
10% of Vdd Max. / Iol=8mA
Rise / Fall Time
Duty Cycle
@1.4Vdc w/TTL Load; @50% w/HCMOS Load
@1.4Vdc w/TTL Load or w/HCMOS Load
50 ±10% (Standard)
50±5% (Optional)
Load Drive Capability
</= 70.000MHz
>70.000MHz
</=70.000MHz (Optional)
10LSTTL Load or 15pF HCMOS Load
15pF HCMOS Load
10TTL Load or 50pF HCMOS Load
Pin 1 Tristate Input Voltage
No Connection
VIH
VIL
Enables Output
2.2Vdc Minimum to Enable Output
+0.8Vdc Maximum to Disable Output
Aging (@ 25°C)
±5ppm / year Maximum
Start Up Time
10mSeconds Maximum
Absolute Clock Jitter
±250pSeconds Maximum
One Sigma Clock Jitter
±50pSeconds Maximum
10% to 90% of Waveform w/HCMOS Load; 0.4Vdc to 2.4V w/TTL Load / 6nSec Max.
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
OC-35A- 100 48 A T - 30.000MHz
Package
OC-35
= 3.3Vdc
OC-35A = 1.8Vdc
OC-35B = 2.5Vdc
Inclusive Stability
100= +/-100ppm, 50= +/-50ppm, 30= +/-30ppm, 25= +/-25ppm,
20= +/-20ppm (25,20 = 0°C-70°C Only)
Pin One Connection
T = Tri State Enable High
Output Symmetry
Blank = 40/60%, A = 45/55%
Operating Temperature Range
Blank = -10°C to 70°C, 27 = -20°C to 70°C, 48 = -40°C to 85°C
MECHANICAL DIMENSIONS
Marking Guide
Pin 1:
Tri-State
Pin 3:
Output
Pin 2:
Case Ground
Pin 4: Supply Voltage
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
5.0
± 0.20
3.20
± 0.20
1.2
Max
1.20
±0.15
2.54
±0.15
1.0
±0.2
(X4 plcs.)
1
2
3
4
Ceramic
Metal
1.4 ±0.2
(X4 plcs.)
All Dimensions in mm.
2.20
±0.15
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Application Note:
A 0.01uF bypass capacitor
should be placed between
Vdd (pin 4) and GND (pin
2) to minimize power supply
line noise.
Line 1: A, B or Blank - Frequency
Line 2: CEI YM
A
= Voltage designator
CEI = Caliber Electronics Inc.
YM = Date Code (Year / Month)


Similar Part No. - OC-35-10048

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC-35-10048AT ETC2-OC-35-10048AT Datasheet
37Kb / 1P
   3.2X5X1.2mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-35-10048T ETC2-OC-35-10048T Datasheet
37Kb / 1P
   3.2X5X1.2mm / 3.3V / SMD / HCMOS/TTL Oscillator
More results

Similar Description - OC-35-10048

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC-35 ETC2-OC-35 Datasheet
37Kb / 1P
   3.2X5X1.2mm / 3.3V / SMD / HCMOS/TTL Oscillator
OC-33 ETC2-OC-33 Datasheet
37Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
logo
Caliber Electronics Inc...
OC-3.3 CALIBER-OC-3.3 Datasheet
42Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
logo
Abracon Corporation
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
   3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
logo
List of Unclassifed Man...
OCH ETC2-OCH Datasheet
31Kb / 1P
   5X7X1.6mm / SMD / HCMOS/TTL Oscillator
logo
Caliber Electronics Inc...
OC-32 CALIBER-OC-32 Datasheet
43Kb / 1P
   3.2X2.5X1.2mm / SMD / HCMOS/TTL Oscillator
OCH CALIBER-OCH Datasheet
37Kb / 1P
   5X7X1.6mm / SMD / HCMOS/TTL Oscillator
logo
List of Unclassifed Man...
OC-32 ETC2-OC-32 Datasheet
37Kb / 1P
   3.2X2.5X1.2mm / SMD / HCMOS/TTL Oscillator
logo
Fox Electronics
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
   3.3V, HCMOS , SMD Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com