Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1728680000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1728680000
Description  S2L 3.5/16/90F 3.5SN SW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1728680000 Datasheet(HTML) 3 Page - Weidmuller

  1728680000 Datasheet HTML 1Page - Weidmuller 1728680000 Datasheet HTML 2Page - Weidmuller 1728680000 Datasheet HTML 3Page - Weidmuller 1728680000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Solder-
connection pin headers | S2L 3.5/90 | S2L 3.5/90F
- 3 -
Similar products
Order No.
Part designation
Version
1728470000
S2L 3.5/6/90F 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 6, 90°, Box
1728630000
S2L 3.5/6/90F 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 6, 90°, Box
1756000000
S2L 3.5/6/90F 3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 6, 90°, Box
1756160000
S2L 3.5/6/90F 3.5AU SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 6, 90°, Box
1728480000
S2L 3.5/8/90F 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 8, 90°, Box
1728640000
S2L 3.5/8/90F 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 8, 90°, Box
1756010000
S2L 3.5/8/90F 3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 8, 90°, Box
1728490000
S2L 3.5/10/90F 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 10, 90°, Box
1728650000
S2L 3.5/10/90F 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 10, 90°, Box
1756020000
S2L 3.5/10/90F 3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 10, 90°, Box
1756180000
S2L 3.5/10/90F 3.5AU SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 10, 90°, Box
1728500000
S2L 3.5/12/90F 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 12, 90°, Box
1728660000
S2L 3.5/12/90F 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 12, 90°, Box
1756190000
S2L 3.5/12/90F 3.5AU SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 12, 90°, Box
1728510000
S2L 3.5/14/90F 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 14, 90°, Box
1728670000
S2L 3.5/14/90F 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 14, 90°, Box
1728520000
S2L 3.5/16/90F 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 16, 90°, Box
1756050000
S2L 3.5/16/90F 3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 16, 90°, Box
1756210000
S2L 3.5/16/90F 3.5AU SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 16, 90°, Box
1728530000
S2L 3.5/18/90F 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 18, 90°, Box
1728690000
S2L 3.5/18/90F 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 18, 90°, Box
1756060000
S2L 3.5/18/90F 3.5AU OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 18, 90°, Box
1728540000
S2L 3.5/20/90F 3.5SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 20, 90°, Box
1728700000
S2L 3.5/20/90F 3.5SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.50 mm, No. of poles: 20, 90°, Box


Similar Part No. - 1728680000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1728600810 MOLEX1-1728600810 Datasheet
35Kb / 2P
   MPC Receptacle, Panel Mount, with Latching Feature, 8 Circuits, IP50
logo
Weidmuller
1728630000 WEIDMULLER-1728630000 Datasheet
96Kb / 4P
   S2L 3.5/6/90F 3.5SN SW
1728650000 WEIDMULLER-1728650000 Datasheet
96Kb / 4P
   S2L 3.5/10/90F 3.5SN SW
logo
PHOENIX CONTACT
1728662 PHOENIX-1728662 Datasheet
96Kb / 2P
   MSTBW 2,5/ 2-G BK
1728675 PHOENIX-1728675 Datasheet
96Kb / 2P
   MSTBW 2,5/ 5-G CRWH
More results

Similar Description - 1728680000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1728630000 WEIDMULLER-1728630000 Datasheet
96Kb / 4P
   S2L 3.5/6/90F 3.5SN SW
1728700000 WEIDMULLER-1728700000 Datasheet
96Kb / 4P
   S2L 3.5/20/90F 3.5SN SW
1728650000 WEIDMULLER-1728650000 Datasheet
96Kb / 4P
   S2L 3.5/10/90F 3.5SN SW
1728040000 WEIDMULLER-1728040000 Datasheet
97Kb / 4P
   S2L 3.5/16/90G 3.5SN SW
1728010000 WEIDMULLER-1728010000 Datasheet
97Kb / 4P
   S2L 3.5/10/90G 3.5SN SW
1728000000 WEIDMULLER-1728000000 Datasheet
97Kb / 4P
   S2L 3.5/8/90G 3.5SN SW
1728060000 WEIDMULLER-1728060000 Datasheet
97Kb / 4P
   S2L 3.5/20/90G 3.5SN SW
1729640000 WEIDMULLER-1729640000 Datasheet
93Kb / 4P
   S2L 3.5/16/180F3.5SN SW
1729000000 WEIDMULLER-1729000000 Datasheet
93Kb / 4P
   S2L 3.5/16/180G3.5SN SW
1728960000 WEIDMULLER-1728960000 Datasheet
93Kb / 4P
   S2L 3.5/8/180G3.5SN SW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com