Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ2540-7R Datasheet(PDF) 1 Page - Power-One

Part # DQ2540-7R
Description  60...132 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DQ2540-7R Datasheet(HTML) 1 Page - Power-One

  DQ2540-7R Datasheet HTML 1Page - Power-One DQ2540-7R Datasheet HTML 2Page - Power-One DQ2540-7R Datasheet HTML 3Page - Power-One DQ2540-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
Q Series
60...132 Watt DC-DC Converters
Input voltage ranges up to 168 V DC
1 or 2 isolated outputs 3.3...48 V DC
3 kV AC I/O electric strengh test voltage
Selection chart
Output 1
Output 2
Type
Type
Options
Uo nom
Io nom
Io max
Uo nom
Io nom
Io max
Input Voltage
Input Voltage
[V DC]
[A]
[A]
[V DC]
[A]
[A]
16...36 V DC
38...75 V DC
5.1
16
16
-
-
-
24Q1001-2R
48Q1001-2R
P
12
8
8
-
-
-
24Q2320-2R
48Q2320-2R
P
15
6.6
6.6
-
-
-
24Q2540-2R
48Q2540-2R
P
24
4
4
-
-
-
24Q2320-2R
48Q2320-2R
P
24
4.4
4.4
-
-
-
24Q2660-2R
48Q2660-2R
P
30
3.3
3.3
-
-
-
24Q2540-2R
48Q2540-2R
P
48
2.2
2.2
-
-
-
24Q2660-2R
48Q2660-2R
P
5.1
7.5
7.5
5.1
7.5
7.5
24Q2001-2R
48Q2001-2R
P
12
4
4
12
4
4
24Q2320-2R
48Q2320-2R
P
15
3.3
3.3
15
3.3
3.3
24Q2540-2R
48Q2540-2R
P
24
2.2
2.2
24
2.2
2.2
24Q2660-2R
48Q2660-2R
P
Output 1
Output 2
Type
Type
Type
Options
Uo nom Io nom Io max
Uo nom Io nom Io max
Input Voltage
Input Voltage
Input Voltage
[V DC]
[A]
[A]
[V DC]
[A]
[A]
14.4...36 V DC
21.6...54 V DC
35...75 V DC
3.3
18
22
-
-
-
BQ 1101-7
GQ 1101-7
CQ 1101-7
-9
5.1
16
20
-
-
-
BQ 1001-7R
GQ 1001-7R
CQ 1001-7R
-9, P
12
8
10
-
-
-
BQ 2320-7R
GQ 2320-7R
CQ 2320-7R
-9, P
15
6.6
8
-
-
-
BQ 2540-7R
GQ 2540-7R
CQ 2540-7R
-9, P
24
4.4
5.5
-
-
-
BQ 2660-7R
GQ 2660-7R
CQ 2660-7R
-9, P
24
4
5
-
-
-
BQ 2320-7R
GQ 2320-7R
CQ 2320-7R
-9, P
30
3.3
4
-
-
-
BQ 2540-7R
GQ 2540-7R
CQ 2540-7R
-9, P
48
2.2
2.75
-
-
-
BQ 2660-7R
GQ 2660-7R
CQ 2660-7R
-9, P
5.1
7.5
9.5
5.1
7.5
9.5
BQ 2001-7R
GQ 2001-7R
CQ 2001-7R
-9, P
12
4
5
12
4
5
BQ 2320-7R
GQ 2320-7R
CQ 2320-7R
-9, P
15
3.3
4
15
3.3
4
BQ 2540-7R
GQ 2540-7R
CQ 2540-7R
-9, P
24
2.2
2.75
24
2.2
2.75
BQ 2660-7R
GQ 2660-7R
CQ 2660-7R
-9, P
LGA
• Extremely slim case (4TE wide),
fully enclosed
• Extremely low inrush current, hot swappable
• Operating ambient temperaturerange
–40...71
°C with convection cooling
2/12.2000


Similar Description - DQ2540-7R

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CQB60W-110S CINCON-CQB60W-110S Datasheet
322Kb / 2P
   60 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
CRW60 WALL-CRW60 Datasheet
125Kb / 5P
   60 Watt DC/DC Power Converters
CR60 WALL-CR60 Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
CHB200W RSG-CHB200W Datasheet
205Kb / 1P
   132-200 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
Power-One
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
ECLB60W CINCON-ECLB60W Datasheet
187Kb / 2P
   60 WATT 4:1 INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
CHB200W-24S3V3 RSG-CHB200W-24S3V3 Datasheet
192Kb / 2P
   132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Astrodyne Corporation
FDC60 ASTRODYNE-FDC60_16 Datasheet
193Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
Astrodyne Corporation
FDC60 ASTRODYNE-FDC60 Datasheet
291Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com