Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSSL-0804-220M-T Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # PSSL-0804-220M-T
Description  SMD Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

PSSL-0804-220M-T Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  PSSL-0804-220M-T Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Height)
B=Bulk
T=Tape & Reel
Inductance Code
(700 pcs per reel)
Tolerance
M=20%
PSSL - 0804 - 1R0 M - T
SMD Power Inductor
(PSSL-0804 Series)
Features
Inductance Range
1.0 µH to 1000 µH
Tolerance
20%
Temperature
-40°C to 85°C
Dimensions in mm
Electrical Specifications
Inductance
Code
Inductance
(µH)
Test
Freq
DCR Max
(Ohms)
Isat*
(A)
1R0
1.0
100 kHz, 0.1 Vrms
0.008
9.0
1R5
1.5
100 kHz, 0.1 Vrms
0.009
8.0
2R2
2.2
100 kHz, 0.1 Vrms
0.010
7.0
3R3
3.3
100 kHz, 0.1 Vrms
0.013
6.4
4R7
4.7
100 kHz, 0.1 Vrms
0.016
5.4
6R8
6.8
100 kHz, 0.1 Vrms
0.019
4.6
100
10
100 kHz, 0.1 Vrms
0.025
3.8
150
15
100 kHz, 0.1 Vrms
0.040
3.0
220
22
100 kHz, 0.1 Vrms
0.050
2.6
330
33
100 kHz, 0.1 Vrms
0.088
2.0
470
47
100 kHz, 0.1 Vrms
0.12
1.6
680
68
100 kHz, 0.1 Vrms
0.16
1.4
101
100
100 kHz, 0.1 Vrms
0.23
1.2
151
150
100 kHz, 0.1 Vrms
0.33
1.0
221
220
100 kHz, 0.1 Vrms
0.53
0.8
331
330
100 kHz, 0.1 Vrms
0.81
0.6
471
470
100 kHz, 0.1 Vrms
1.10
0.5
681
680
100 kHz, 0.1 Vrms
1.60
0.4
102
1000
100 kHz, 0.1 Vrms
2.15
0.3
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
*Inductance drop = 10% typical at rated Isat
1st
2nd
3rd
12.95 max
9.40 max
2.54
2.54
7.62
Bottom
5.08 max
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - PSSL-0804-220M-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0804-220M-T ETC2-PSSL-0804-220M-T Datasheet
24Kb / 1P
   SMD Power Inductor
More results

Similar Description - PSSL-0804-220M-T

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com