Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFA20E48S15 Datasheet(PDF) 4 Page - Power-One

Part # DFA20E48S15
Description  SINGLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DFA20E48S15 Datasheet(HTML) 4 Page - Power-One

  DFA20E48S15 Datasheet HTML 1Page - Power-One DFA20E48S15 Datasheet HTML 2Page - Power-One DFA20E48S15 Datasheet HTML 3Page - Power-One DFA20E48S15 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
DFA20 SERIES – SINGLE OUTPUT
120
100
60
CURRENT LIMIT MODE >
80
40
20
0
080
20
40
100
120
140
60
OUTPUT VOLTAGE Vs. OUTPUT LOAD
OUTPUT LOAD (%)
Typical Performance: (Tc=25°C, Vin=Nom VDC, Rated Load)
80
85
75
70
65
60
90
040
30
20
LINE = 72VDC
LINE = 48VDC
LINE = 36VDC
10
50
60
70
80
90 100
48 VOLT EFFICIENCY Vs. LOAD
LOAD (%)
NOTES ON USING THE CURVES
1)
The input currents are for 20 watts of output power. For
±5 volt output models the current is approximately 15% less.
2)
The efficiency curves are for 12 volt output models. To use for other models adjust as follows:
±5 volt models subtract approximately 3%.
±15volt models add approximately 1%.
80
75
70
65
85
040
30
20
LINE = 18VDC
LINE = 12VDC
LINE = 9VDC
10
50
60
70
80
90 100
12 VOLT EFFICIENCY Vs. LOAD
LOAD (%)
85
80
75
70
65
915
16
17
14
13
12
100% FULL LOAD
50% FULL LOAD
10
11
18
12 VOLT EFFICIENCY Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
80
85
75
70
65
90
040
30
20
LINE = 36VDC
LINE = 24VDC
LINE = 18VDC
10
50
60
70
80
90 100
24 VOLT EFFICIENCY Vs. LOAD
LOAD (%)
85
80
75
70
90
18
30
32
34
28
26
24
100% FULL LOAD
50% FULL LOAD
20
22
36
24 VOLT EFFICIENCY Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
85
75
80
70
65
60
90
36
60
64
68
56
52
48
100% FULL LOAD
50% FULL LOAD
40
44
72
48 VOLT EFFICIENCY Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
1.0
0.8
0.6
0.2
0.4
0.0
040
30
20
100% LOAD
50% LOAD
10
50
60
80
70
48 VOLT INPUT CURRENT Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
2.0
1.5
1.0
0.5
0.0
020
15
10
100% LOAD
50% LOAD
525
30
40
35
24 VOLT INPUT CURRENT Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
4
3
2
1
0
08
6
4
100% LOAD
50% LOAD
2
10
12
16
14
18
12 VOLT INPUT CURRENT Vs. LINE INPUT VOLTAGE
LINE INPUT (VOLTS)
www.power-one.com
www.power-one.com
For the Most Up-To-Date Information
24 Hours/Day—7 Days/Week


Similar Part No. - DFA20E48S15

ManufacturerPart #DatasheetDescription
logo
Power-One
DFA20E48D12 POWER-ONE-DFA20E48D12 Datasheet
1Mb / 4P
   DUAL OUTPUT
DFA20E48D15 POWER-ONE-DFA20E48D15 Datasheet
1Mb / 4P
   DUAL OUTPUT
DFA20E48D5 POWER-ONE-DFA20E48D5 Datasheet
1Mb / 4P
   DUAL OUTPUT
More results

Similar Description - DFA20E48S15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com