Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3788IGN-1TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3788IGN-1TRPBF
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788IGN-1TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3788IGN-1TRPBF Datasheet HTML 1Page - Linear Technology LTC3788IGN-1TRPBF Datasheet HTML 2Page - Linear Technology LTC3788IGN-1TRPBF Datasheet HTML 3Page - Linear Technology LTC3788IGN-1TRPBF Datasheet HTML 4Page - Linear Technology LTC3788IGN-1TRPBF Datasheet HTML 5Page - Linear Technology LTC3788IGN-1TRPBF Datasheet HTML 6Page - Linear Technology LTC3788IGN-1TRPBF Datasheet HTML 7Page - Linear Technology LTC3788IGN-1TRPBF Datasheet HTML 8Page - Linear Technology LTC3788IGN-1TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC3788-1
5
37881fa
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step
Burst Mode Operation
Load Step
Forced Continuous Mode
Load Step
Pulse-Skipping Mode
Efficiency and Power Loss
vs Output Current
Efficiency and Power Loss
vs Output Current
Efficiency vs Input Voltage
OUTPUT CURRENT (A)
40
50
60
70
80
10
37881 G01
30
20
10
0
90
100
10
100
1000
1
0.1
10000
0.01
0.1
1
BURST EFFICIENCY
PULSE-SKIPPING
EFFICIENCY
CCM EFFICIENCY
BURST LOSS
PULSE-SKIPPING
LOSS
CCM LOSS
VIN = 12V
VOUT = 24V
FIGURE 9 CIRCUIT
OUTPUT CURRENT (A)
40
50
60
70
80
37881 G02
30
20
10
0
90
100
10
100
1000
1
0.1
10000
0.01
0.1
1
10
BURST EFFICIENCY
BURST LOSS
VIN = 12V
VOUT = 24V
Burst Mode OPERATION
FIGURE 9 CIRCUIT
0.0001 0.001
0.00001
INPUT VOLTAGE (V)
0
90
92
94
96
5
10
15
20
98
100
91
93
95
97
99
25
37881 G03
VOUT = 12V
ILOAD = 2A
FIGURE 9 CIRCUIT
VOUT = 24V
VOUT
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD STEP
2A/DIV
VIN = 12V
VOUT = 24V
FIGURE 9 CIRCUIT
200μs/DIV
37881 G04
VOUT
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD STEP
2A/DIV
VIN = 12V
VOUT = 24V
FIGURE 9 CIRCUIT
200μs/DIV
37881 G05
VOUT
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD STEP
2A/DIV
VIN = 12V
VOUT = 24V
FIGURE 9 CIRCUIT
200μs/DIV
37881 G06


Similar Part No. - LTC3788IGN-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788IGN-1TRPBF LINER-LTC3788IGN-1TRPBF Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
More results

Similar Description - LTC3788IGN-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com