Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRS512 Datasheet(PDF) 1 Page - Power-One

Part # DRS512
Description  1.25 WATT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DRS512 Datasheet(HTML) 1 Page - Power-One

  DRS512 Datasheet HTML 1Page - Power-One DRS512 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
1
FEATURES
DRS SERIES - 1.25 WATT
DRS DC/DC converters offer excellent regulation and
isolation in an industry standard package. Available in
several input versions, the DRS is ideal for industrial,
datacom, or telecom applications. The DRS features
short circuit protection and 500 VDC isolation. Please
see the DRD series for dual output applications.
• 5, 12, 24, 28, and
48V Inputs
• Input Pi Filter and
6-Sided Shielding
• Regulated Output
• 500V Isolation
DESCRIPTION
• Industry Standard
Package
• Industry Standard
Pinout
• 85°C Case Operation
• Short Circuit Protection
0.40”
(10.2mm)
2.00”
(50.8mm)
1.00”
(25.4mm)
Selection Chart
Model
Input Range
VDC
Output VDC Output Current
DRS505
4.65 - 5.50
5
0.250
DRS512
4.65 - 5.50
12
0.160
DRS515
4.65 - 5.50
15
0.130
DRS1205
10.90 - 13.20
5
0.250
DRS1212
10.90 - 13.20
12
0.160
DRS1215
10.90 - 13.20
15
0.130
DRS2405
21.60 - 26.40
5
0.250
DRS2412
21.60 - 26.40
12
0.160
DRS2415
21.60 - 26.40
15
0.130
DRS2805
25.20 - 30.80
5
0.250
DRS2812
25.20 - 30.80
12
0.160
DRS2815
25.20 - 30.80
15
0.130
DRS4805
43.20 - 52.80
5
0.250
DRS4812
43.20 - 52.80
12
0.160
DRS4815
43.20 - 52.80
15
0.130
Note: For model options, see the last page of
this file.


Similar Part No. - DRS512

ManufacturerPart #DatasheetDescription
logo
Vaisala
DRS511 VAISALA-DRS511 Datasheet
187Kb / 2P
   Embedded Road and Runway Sensor DRS511
More results

Similar Description - DRS512

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RN-3.33.3S RECOM-RN-3.33.3S Datasheet
95Kb / 3P
   1.25 Watt DIP8 Sigle Output
RN-3.33.3S RECOM-RN-3.33.3S_06 Datasheet
89Kb / 3P
   1.25 Watt DIP8 Single Output
logo
SHANGHAI BELLING CO., L...
BL6211 BELLING-BL6211 Datasheet
277Kb / 10P
   1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Adam Technologies, Inc.
125CTE-B-R ADAM-TECH-125CTE-B-R Datasheet
64Kb / 1P
   1.25 TERMINAL
logo
Shanghai Toplite Techno...
A-2012BUW-S TOPLITE-A-2012BUW-S Datasheet
424Kb / 7P
   2.00*1.25 SMD
logo
Texas Instruments
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Microsemi Corporation
2N1870A MICROSEMI-2N1870A Datasheet
215Kb / 5P
   SCRs 1.25 Amp, Planear
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com