Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1770940000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1770940000
Description  BLIDC 3.5/2 SN SW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1770940000 Datasheet(HTML) 2 Page - Weidmuller

  1770940000 Datasheet HTML 1Page - Weidmuller 1770940000 Datasheet HTML 2Page - Weidmuller 1770940000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) | Socket connectors,
insulation displacement connection, pitch 3.5 | BLIDC 3.5 | BLIDC 3.5 SN
- 2 -
Material data
Insulating material
PBT
Colour
black
colour chart
Similar to RAL 9011
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200
Contact base material
CuSn
Contact surface
tinned
Connectable conductors
Clamping range, min.
0.32 mm²
Clamping range, max.
0.5 mm²
AWG, min.
22
AWG, max.
20
Outer diameter of insulation, max.
2.1 mm
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
0.5 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
0.5 mm²
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
6 A
Rated current, max. No. pins (Tu=20°C)
6 A
Rated current, min. No. pins(Tu=40°C)
6 A
Rated current, max. No. pins (Tu=40°C)
5 A
Rated voltage for overvoltage class/pollution
severity II/2
320 V
Rated voltage for overvoltage class/pollution
severity III/2
160 V
Rated voltage for overvoltage class/pollution
severity III/3
160 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
2.5 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
2.5 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
2.5 kV
Short-time withstand current resistance
3 x 1s with 60 A
CSA rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
7 A
AWG conductor (field wiring), min.
22
AWG conductor (field wiring), max.
20
UL 1059 rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
7 A
AWG conductor, min.
22
AWG conductor, max.
20


Similar Part No. - 1770940000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1770940 PHOENIX-1770940 Datasheet
139Kb / 5P
   PTSM 0,5/ 8-2,5-H THR R32
More results

Similar Description - 1770940000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1771110000 WEIDMULLER-1771110000 Datasheet
89Kb / 3P
   BLIDC 3.5/4F SN SW
1638780000 WEIDMULLER-1638780000 Datasheet
92Kb / 5P
   BL 3.5/2/90 SN SW
1727650000 WEIDMULLER-1727650000 Datasheet
82Kb / 5P
   B2L 3.5/8 SN SW
1615680000 WEIDMULLER-1615680000 Datasheet
96Kb / 5P
   BL 3.5/3 SN SW
1615770000 WEIDMULLER-1615770000 Datasheet
96Kb / 5P
   BL 3.5/16 SN SW
1615780000 WEIDMULLER-1615780000 Datasheet
98Kb / 5P
   BL 3.5/2F SN SW
1615840000 WEIDMULLER-1615840000 Datasheet
98Kb / 5P
   BL 3.5/8F SN SW
1615730000 WEIDMULLER-1615730000 Datasheet
96Kb / 5P
   BL 3.5/12 SN SW
1727640000 WEIDMULLER-1727640000 Datasheet
82Kb / 5P
   B2L 3.5/6 SN SW
1727690000 WEIDMULLER-1727690000 Datasheet
82Kb / 5P
   B2L 3.5/16 SN SW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com