Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3022IDHC Datasheet(PDF) 6 Page - Linear Technology

Part # LT3022IDHC
Description  1A, 0.9V to 10V, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022IDHC Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3022IDHC Datasheet HTML 2Page - Linear Technology LT3022IDHC Datasheet HTML 3Page - Linear Technology LT3022IDHC Datasheet HTML 4Page - Linear Technology LT3022IDHC Datasheet HTML 5Page - Linear Technology LT3022IDHC Datasheet HTML 6Page - Linear Technology LT3022IDHC Datasheet HTML 7Page - Linear Technology LT3022IDHC Datasheet HTML 8Page - Linear Technology LT3022IDHC Datasheet HTML 9Page - Linear Technology LT3022IDHC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3022

3022f
Typical perForMance characTerisTics
SHDN Pin Input Current
Current Limit
Reverse Input Leakage Current
Reverse Input Leakage Current
Reverse Output Current
Input Ripple Rejection
GND Pin Current vs ILOAD
SHDN Pin Threshold
SHDN Pin Input Current
LOAD CURRENT (mA)
0
24
21
18
15
12
9
6
3
0
800
3022 G14
200
400
600
1000
700
100
300
500
900
VIN = 1.6V
VOUT = 1.2V
VSHDN = 10V
TJ = 25°C
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
3022 G15
0.2
0.8
0.9
0.6
–25
25
100 125
IL = 1mA
SHDN PIN VOLTAGE (V)
0
3.0
4.0
5.0
8
3022 G16
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
1
4
3
6
7
9
5
10
TJ = 25°C
TEMPERATURE (°C)
–50
4
5
6
25
75
3022 G17
3
2
–25
0
50
100
125
1
0
VIN = 10V
VSHDN = 10V
TEMPERATURE (°C)
–50
0
0.3
0.9
1.2
1.5
3.0
2.1
0
50
75
3022 G18
0.6
2.4
2.7
1.8
–25
25
100 125
VOUT = 0V
VIN = 10V
VIN = 1.7V
INPUT VOLTAGE (V)
0
–8
–4
0
–8
3022 G19
–12
–16
–10
–6
–2
–14
–18
–20
–2
–1
–4
–3
–6 –7
–9
–5
–10
VOUT = 0V
VSHDN = 10V
TJ = 25°C
TEMPERATURE (°C)
–50
–20
–18
–14
–12
–10
0
–6
0
50
75
3022 G20
–16
–4
–2
–8
–25
25
100 125
VIN = –10V
VOUT = 0V
VSHDN = 10V
TEMPERATURE (°C)
–50
80
100
120
25
75
3022 G21
60
40
–25
0
50
100
125
20
0
VIN = 0V
VOUT = 1.2V
IOUT FLOWS INTO OUT PIN
IIN FLOWS OUT OF IN PIN
IOUT
IIN
FREQUENCY (Hz)
10
100
40
50
60
70
80
1k
10k
100k
1M
10M
3022 G22
30
20
10
0
90
100
COUT = 47µF
COUT = 10µF
VIN = 1.5V + 50mVRMS RIPPLE
VOUT = 0.5V
IL = 1A
TJ = 25°C


Similar Part No. - LT3022IDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT3022 LINER-LT3022 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT3022 LINEAR-LT3022 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3022IDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022_12 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022 LINER-LT3022_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.5 LINER-LT3022-1.5_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.2 LINER-LT3022-1.2_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.8 LINER-LT3022-1.8_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Semtech Corporation
SC4212L SEMTECH-SC4212L Datasheet
838Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
SC4212LM SEMTECH-SC4212LM Datasheet
844Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com