Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3022EMSE Datasheet(PDF) 3 Page - Linear Technology

Part # LT3022EMSE
Description  1A, 0.9V to 10V, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022EMSE Datasheet(HTML) 3 Page - Linear Technology

  LT3022EMSE Datasheet HTML 1Page - Linear Technology LT3022EMSE Datasheet HTML 2Page - Linear Technology LT3022EMSE Datasheet HTML 3Page - Linear Technology LT3022EMSE Datasheet HTML 4Page - Linear Technology LT3022EMSE Datasheet HTML 5Page - Linear Technology LT3022EMSE Datasheet HTML 6Page - Linear Technology LT3022EMSE Datasheet HTML 7Page - Linear Technology LT3022EMSE Datasheet HTML 8Page - Linear Technology LT3022EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3022

3022f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3022 regulator is tested and specified under pulse load
conditions such that TJ ≈ TA. The LT3022 is 100% tested at TA = 25°C.
Performance of the LT3022E over the full –40°C and 125°C operating
junction temperature range is assured by design, characterization and
correlation with statistical process controls. The LT3022I regulators are
guaranteed over the full –40°C to 125°C operating junction temperature
range. High junction temperatures degrade operating lifetime. Operating
lifetime is derated at junction temperatures greater than 125°C.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 4, 6)
ILOAD = 1A, TA > 0°C
ILOAD = 1A, TA ≤ 0°C
0.9
0.9
1.05
1.10
V
V
ADJ Pin Voltage (Notes 5, 6)
VIN = 1.5V, ILOAD = 1mA
1.15V < VIN < 10V, 1mA < ILOAD < 1A
l
196
194
200
200
204
206
mV
mV
Line Regulation (Note 7)
∆VIN = 1.15V to 10V, ILOAD = 1mA
l
–1.5
–0.1
0.5
mV
Load Regulation (Note 7)
VIN = 1.15V, ∆ILOAD = 1mA to 1A
l
–0.5
–1.0
0.1
0.5
1.0
mV
mV
Dropout Voltage (Notes 8, 9)
ILOAD = 10mA
l
45
75
135
mV
mV
ILOAD = 100mA
l
55
90
175
mV
mV
ILOAD = 500mA
l
110
150
235
mV
mV
ILOAD = 1A
l
145
185
285
mV
mV
GND Pin Current, VIN = VOUT(NOMINAL) + 0.4V
(Notes 9, 10)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1A
l
l
l
l
400
1.2
3.4
8.3
18
2.5
8.5
20
36
µA
mA
mA
mA
mA
Output Voltage Noise
COUT = 10µF, ILOAD = 1A, BW = 10Hz to 100kHz,
VOUT = 1.2V
165
µVRMS
ADJ Pin Bias Current (Notes 7, 11)
VADJ = 0.2V, VIN = 1.5V
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
0.64
0.64
0.9
V
V
SHDN Pin Current (Note 12)
VSHDN = 0V, VIN = 10V
VSHDN = 10V, VIN = 10V
l
l
3
±1
9.5
µA
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
7.5
15
µA
Ripple Rejection (Note 13)
VIN – VOUT = 1V, VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 1A
55
70
dB
Current Limit (Note 9)
VIN = 10V, VOUT = 0V
VIN = VOUT(NOMINAL) + 0.5V, ∆VOUT ≤ –5%
l
1.1
2.6
1.7
A
A
Input Reverse Leakage Current (Note 14)
VIN = –10V, VOUT = 0V
4
20
µA
Reverse Output Current (Notes 15, 16)
VOUT = 1.2V, VIN = 0V
0.1
5
µA
Minimum Required Output Current
VIN = 1.6V, VOUT = 1.2V
l
1
mA
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Minimum input voltage is the voltage required by the LT3022 to
regulate the output voltage and supply the rated 1A output current. This
specification is tested at VOUT = 0.2V. For higher output voltages, the
minimum input voltage required for regulation equals the regulated output
voltage VOUT plus the dropout voltage or 1.1V, whichever is greater.
Note 5: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current. Limit the output current
range if operating at maximum input voltage. Limit the input-to-output
voltage differential range if operating at maximum output current.


Similar Part No. - LT3022EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT3022 LINER-LT3022 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT3022 LINEAR-LT3022 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3022EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022_12 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022 LINER-LT3022_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.5 LINER-LT3022-1.5_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.2 LINER-LT3022-1.2_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.8 LINER-LT3022-1.8_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Semtech Corporation
SC4212L SEMTECH-SC4212L Datasheet
838Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
SC4212LM SEMTECH-SC4212LM Datasheet
844Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com