Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3022IDHC-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3022IDHC-TRPBF
Description  1A, 0.9V to 10V, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022IDHC-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3022IDHC-TRPBF Datasheet HTML 6Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 7Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 8Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 9Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 10Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 11Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 12Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 13Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3022
0
3022f
applicaTions inForMaTion
Table1shows1%resistordividervaluesforsomecommon
output voltages with a resistor divider current equaling or
about 1mA.
Table 1
VOUT (V)
R1 (Ω)
R2 (Ω)
0.9
200
698
1.0
187
750
1.2
200
1000
1.5
200
1300
1.8
187
1500
2.5
187
2150
3.3
200
3090
Output Capacitance and Transient Response
The LT3022’s design is stable with a wide range of output
capacitors,butisoptimizedforlowESRceramiccapacitors.
The output capacitor’s ESR affects stability, most notably
with small value capacitors. Use a minimum output ca-
pacitor of 10µF with an ESR of less than 0.1Ω to prevent
oscillations. The LT3022 is a low voltage device and output
loadtransientresponseisafunctionofoutputcapacitance.
Larger values of output capacitance decrease the peak
deviations and provide improved transient response for
large load current changes.
Ceramic capacitors require extra consideration. Manufac-
turersmakeceramiccapacitorswithavarietyofdielectrics;
each with a different behavior across temperature and
applied voltage. The most common dielectrics are Z5U,
Y5V, X5R and X7R. Z5U and Y5V dielectrics provide high
C-V products in a small package at low cost, but exhibit
strong voltage and temperature coefficients. X5R and
X7R dielectrics yield highly stable characteristics and are
moresuitableforuseastheoutputcapacitoratfractionally
increasedcost.X5RandX7Rdielectricsbothexhibitexcel-
lent voltage coefficient characteristics. X7R works over a
larger temperature range and exhibits better temperature
stability whereas X5R is less expensive and is available
in higher values. Figures 2 and 3 show voltage coefficient
and temperature coefficient comparisons between Y5V
and X5R material.
DC BIAS VOLTAGE (V)
3022 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
2
6
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3022 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
Figure 3. Ceramic Capacitor Temperature Characteristics
Figure 2. Ceramic Capacitor DC Bias Characteristics
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress,
similar to the way a piezoelectric accelerometer or micro-
phone works. For a ceramic capacitor, the stress can be
induced by vibrations in the system or thermal transients.
The resulting voltages produced can cause appreciable
amountsofnoise.AceramiccapacitorproducedFigure 4’s
trace in response to light tapping from a pencil. Similar
vibration induced behavior can masquerade as increased
output voltage noise.


Similar Part No. - LT3022IDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT3022 LINER-LT3022 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT3022 LINEAR-LT3022 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3022IDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022_12 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022 LINER-LT3022_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.5 LINER-LT3022-1.5_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.2 LINER-LT3022-1.2_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.8 LINER-LT3022-1.8_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Semtech Corporation
SC4212L SEMTECH-SC4212L Datasheet
838Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
SC4212LM SEMTECH-SC4212LM Datasheet
844Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com