Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3022IDHC-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3022IDHC-TRPBF
Description  1A, 0.9V to 10V, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022IDHC-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT3022IDHC-TRPBF Datasheet HTML 1Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 2Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 3Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 4Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 5Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 6Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 7Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 8Page - Linear Technology LT3022IDHC-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3022

3022f
Typical perForMance characTerisTics
Quiescent Current
Quiescent Current
GND Pin Current
GND Pin Current
GND Pin Current
ADJ Pin Bias Current
Quiescent Current
Quiescent Current
TEMPERATURE (°C)
–50
0
10
30
40
50
100
70
0
50
75
3022 G06
20
80
90
60
–25
25
100 125
TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
0
50
75
3022 G07
200
800
900
600
–25
25
100 125
VIN = 6V
VOUT = 1.2V
IL = 0
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
3022 G08
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
1
4
3
6
7
9
5
10
VSHDN = VIN
VSHDN = 0V
VOUT = 1.2V
IL = 0
TJ = 25°C
INPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
3022 G09
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
1
4
3
6
7
9
5
10
VSHDN = VIN
VSHDN = 0V
VOUT = 1.5V
IL = 0
TJ = 25°C
INPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
3022 G10
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
1
4
3
6
7
9
5
10
VSHDN = VIN
VSHDN = 0V
VOUT = 1.8V
IL = 0
TJ = 25°C
INPUT VOLTAGE (V)
0
24
21
18
15
12
9
6
3
0
8
3022 G11
2
4
6
10
7
1
3
5
9
RL = 1.2
IL = 1A
RL = 2.4
IL = 500mA RL = 120
IL = 10mA
RL = 12
IL = 100mA
RL = 1.2k
IL = 1mA
VOUT = 1.2V
TJ = 25°C
INPUT VOLTAGE (V)
0
24
21
18
15
12
9
6
3
0
8
3022 G12
2
4
6
10
7
1
3
5
9
RL = 1.5
IL = 1A
RL = 3
IL = 500mA RL = 150
IL = 10mA
RL = 15
IL = 100mA
VOUT = 1.5V
TJ = 25°C
RL = 1.5k
IL = 1mA
INPUT VOLTAGE (V)
0
24
21
18
15
12
9
6
3
0
8
3022 G13
2
4
6
10
7
1
3
5
9
RL = 1.8
IL = 1A
RL = 3.6
IL = 500mA
RL = 18
IL = 100mA
VOUT = 1.8V
TJ = 25°C
RL = 180
IL = 10mA
RL = 1.8k
IL = 1mA


Similar Part No. - LT3022IDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT3022 LINER-LT3022 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3022 LINER-LT3022 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT3022 LINEAR-LT3022 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3022IDHC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3022 LINER-LT3022_12 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022 LINER-LT3022_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.5 LINER-LT3022-1.5_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.2 LINER-LT3022-1.2_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
LT3022-1.8 LINER-LT3022-1.8_15 Datasheet
573Kb / 20P
   1A, 0.9V to 10V, Very Low Dropout Linear Regulator
logo
Semtech Corporation
SC4212L SEMTECH-SC4212L Datasheet
838Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
SC4212LM SEMTECH-SC4212LM Datasheet
844Kb / 13P
   High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com