Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3050IMSE-5-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3050IMSE-5-PBF
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050IMSE-5-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3050IMSE-5-PBF Datasheet HTML 5Page - Linear Technology LT3050IMSE-5-PBF Datasheet HTML 6Page - Linear Technology LT3050IMSE-5-PBF Datasheet HTML 7Page - Linear Technology LT3050IMSE-5-PBF Datasheet HTML 8Page - Linear Technology LT3050IMSE-5-PBF Datasheet HTML 9Page - Linear Technology LT3050IMSE-5-PBF Datasheet HTML 10Page - Linear Technology LT3050IMSE-5-PBF Datasheet HTML 11Page - Linear Technology LT3050IMSE-5-PBF Datasheet HTML 12Page - Linear Technology LT3050IMSE-5-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT3050 Series
9
3050fa
Output Noise Spectral Density
CREF/BYP = 0, CFF = 0
Output Noise Spectral Density
vs CREF/BYP, CFF = 0
RMS Output Noise vs Load
Current vs CREF/BYP
RMS Output Noise vs Load
Current CREF/BYP = 10nF
LOAD CURRENT (mA)
0.01
0
40
30
20
10
110
100
90
80
70
60
50
10
1
100
3050 G24
0.1
VOUT = 0.6V
COUT = 10μF
CREF/BYP = 0
CREF/BYP = 10pF
CREF/BYP = 100pF
CREF/BYP = 1nF
CREF/BYP = 10nF
CREF/BYP = 100nF
LOAD CURRENT (mA)
0.01
0
50
40
30
20
10
170
120
130
140
150
160
110
100
90
80
70
60
10
1
100
3050 G25
0.1
VOUT = 5V
VOUT = 3.3V
VOUT = 1.2V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 0.6V
fOUT = 10Hz TO 100kHz
COUT = 10μF
FREQUENCY (Hz)
10
1
3050 G22
0.01
0.1
10
100
1K
10K
100k
IL = 100mA
COUT = 10μF
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.6V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
FREQUENCY (Hz)
10
0.01
1
0.1
10
10k
1k
100k
3050 G23
100
VOUT = 5V
CREF/BYP = 10nF
CREF/BYP = 1nF
VOUT = 0.6V
COUT = 10μF
IL = 100mA
CREF/BYP = 100pF
Startup Time
vs REF/BYP Capacitor
REF/BYP CAPACITOR (nF)
60
50
40
30
3050 G33
0
10
20
0
102030405060708090 100
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
5V 10Hz to 100kHz Output Noise
CREF/BYP = 10nF, CFF = 0
1ms/DIV
COUT = 10μF
ILOAD = 100mA
VOUT
100μV/DIV
3050 G27
1ms/DIV
COUT = 10μF
ILOAD = 100mA
VOUT
100μV/DIV
3050 G26
Output Noise Spectral Density
vs CFF, CREF/BYP = 10nF
RMS Output Noise
vs Feedforward Capacitor (CFF)
FREQUENCY (Hz)
10
0.01
1
0.1
10
10k
1k
100k
3050 G23a
100
CFF = 0
CFF = 100pF
CFF = 10nF
VOUT = 5V
COUT = 10μF
IL = 100mA
CFF = 1nF
FEEDFORWARD CAPACITOR, CFF (F)
10p
0
10
120
70
80
90
100
110
60
50
40
30
20
1n
10n
3050 G25a
100p
f = 10Hz TO 100kHz
CREF/BYP = 10nF
COUT = 10μF
IFB-DIVIDER = 5μA
IL = 100mA
VOUT = 0.6V
VOUT = 5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 2.5V
VOUT = 3.3V
5V 10Hz to 100kHz Output Noise
CREF/BYP = 10nF, CFF = 10nF


Similar Part No. - LT3050IMSE-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050IMSE LINER-LT3050IMSE Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSEPBF LINER-LT3050IMSEPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETR LINER-LT3050IMSETR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETRPBF LINER-LT3050IMSETRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050IMSE-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com