Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVG-10E483ACT Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # SVG-10E483ACT
Description  14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

SVG-10E483ACT Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  SVG-10E483ACT Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATIONS
Revision: 2002-B
Frequency Range
2.000MHz to 60.000MHz
Operating Temperature Range
0°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 100°C
Supply Voltage
5.0Vdc ±5% or 3.3Vdc ±5%
Aging (at 25°C)
±3ppm / year Maximum
Load Drive Capability
15pF HCMOS Load
Start Up Time
10mSeconds Maximum
Linearity
±20%, ±15%, ±10%, ±5% Maximum
Input Current
2.000MHz to 20.000MHz
20.001MHz to 40.000MHz
40.001MHz to 60.000MHz
10mA Maximum
10mA Maximum (3.3V)
20mA Maximum
15mA Maximum (3.3V)
30mA Maximum
20mA Maximum (3.3V)
Pin 1 Control Voltage / Frequency Deviation
2.5Vdc ±2.0Vdc
2.5Vdc ±2.5Vdc
1.65Vdc ±1.65Vdc (or ±1.5Vdc
±10, ±, 30, ±50, ±100ppm Minimum
±10, ±, 30, ±50, ±100, ±150ppm Minimum
±10, ±, 30, ±50, ±100, ±150ppm Minimum
One Sigma Clock Jitter
<60.000MHz
±10pSeconds Maximum
Absolute Clock Jitter
<60.000MHz
±100pSeconds Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±50ppm, ±30ppm, ±20ppm (-10°C to 70°C max.),
±15ppm (-10°C to 70°C max.), ±10ppm (-10°C to 60° max.)
Output Voltage Logic High (Voh)
w/HCMOS Load
90% of Vdd Minimum
Output Voltage Logic Low (Vol)
w/HCMOS Load
10% of Vdd Maximum
Rise Time / Fall Time
0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of
Waveform w/HCMOS Load
5nSeconds Maximum
Duty Cycle
@1.4Vdc w/TTL Load; @50% w/HCMOS Load
@1.4Vdc w/TTL Load or w/HCMOS Load
50 ±10% (Standard)
50±5% (Optional)
Frequency Deviation Over Control Voltage
A=±50ppm Min. / B=±100ppm Min. / C=±150ppm Min. / D=±200ppm Min. / E=±250ppm Min. /
F=±300ppm Min. / G=±350ppm Min.
Pin 2 Tri-State Input Voltage
or
Pin 5 Tri-State Input Voltage
No Connection
VIH: >2.0Vdc
VIL: <0.8Vdc
Enables Output
Enables Output
Disables Output: High Impedance
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Pin 1:
Control Voltage (Vc)
Pin 2: Output
Pin 1:
Control Voltage (Vc)
Pin 2:
Tri-State or N.C.
Pin 3: Ground
Pin 4:
Case Ground
Pin 3: Supply Voltage
Pin 4:
Output
Pin 5:
N.C. or Tristate
Pin 6: Supply Voltage
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
7.0
±0.2
5.0
±0.2
1.7
Max.
2.20
±0.15
5.08
±0.15
1.0
±0.2
(X6 plcs.)
1
3
4
6
Ceramic
Metal
1.4 ±0.2
(X6 plcs.)
2
5
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
SV G - 25 C 27 3 A B T - 40.000MHz - A
5X7X1.7mm Max.
G=4 Pad, H=6Pad (“A” pin conf. option avail.)
Frequency Stability
100 = +/-100ppm, 50 = +/-50ppm,
25 = +/-25ppm, 15 = +/-15ppm, 10 = +/- 10ppm
Operating Temperature Range
Blank= 0°C to 70°C, 48 = -40°C to 85°C
Linearity
A = 20%, B = 15%, C = 10%, D = 5%
Duty Cycle
Blank = 40-60%, A= 45-55%
Input Voltage
Blank = 5.0V, 3=3.3V
Tristate Option
Blank = No Connect, T = Trisate
Frequency Pullability
A = +/-10ppm, B = +/-30ppm, C = +/-50ppm
D = +/-100ppm, E = +/- 150ppm
SV Series
14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
7.5 Max
5.0 Max
1.6
±0.2
2.20
±0.15
5.08
±0.15
1.0 ±0.2
(X4 plcs.)
1
2
3
4
Ceramic
Metal
1.4 ±0.2
(X4 plcs.)
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Pin Configuration
A= Pin 2 NC / Pin 5 Tristate


Similar Part No. - SVG-10E483ACT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVG-100A483AAT ETC2-SVG-100A483AAT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
SVG-100A483ABT ETC2-SVG-100A483ABT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
SVG-100A483ACT ETC2-SVG-100A483ACT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
SVG-100A483ADT ETC2-SVG-100A483ADT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
SVG-100A483AT ETC2-SVG-100A483AT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
More results

Similar Description - SVG-10E483ACT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVG-25C273ABT ETC2-SVG-25C273ABT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
VAC100A48FT ETC2-VAC100A48FT Datasheet
100Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
logo
Caliber Electronics Inc...
VAC31 CALIBER-VAC31 Datasheet
106Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
VAC CALIBER-VAC Datasheet
105Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
logo
List of Unclassifed Man...
VAC3110048ATABA ETC2-VAC3110048ATABA Datasheet
101Kb / 1P
   14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
logo
MMD Components
MVAH MMD-MVAH Datasheet
94Kb / 1P
   14 Pin DIP HCMOS VCXO
logo
Connor-Winfield Corpora...
HV54I-100 CONNOR-WINFIELD-HV54I-100 Datasheet
210Kb / 2P
   14 PIN 5.0V HCMOS VCXO
HV52-150-024.704M CONNOR-WINFIELD-HV52-150-024.704M Datasheet
121Kb / 2P
   14 PIN 5.0V HCMOS VCXO
VX64-200 CONNOR-WINFIELD-VX64-200 Datasheet
65Kb / 1P
   14 PIN DIP VCXO OSCILLATOR
H10BV CONNOR-WINFIELD-H10BV Datasheet
36Kb / 1P
   TIGHT TOLERANCE 14 PIN DIP HCMOS VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com