Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3050IDDB-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3050IDDB-TRPBF
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050IDDB-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3050IDDB-TRPBF Datasheet HTML 2Page - Linear Technology LT3050IDDB-TRPBF Datasheet HTML 3Page - Linear Technology LT3050IDDB-TRPBF Datasheet HTML 4Page - Linear Technology LT3050IDDB-TRPBF Datasheet HTML 5Page - Linear Technology LT3050IDDB-TRPBF Datasheet HTML 6Page - Linear Technology LT3050IDDB-TRPBF Datasheet HTML 7Page - Linear Technology LT3050IDDB-TRPBF Datasheet HTML 8Page - Linear Technology LT3050IDDB-TRPBF Datasheet HTML 9Page - Linear Technology LT3050IDDB-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT3050 Series
6
3050fa
TYPICAL PERFORMANCE CHARACTERISTICS
Adjustable Quiescent Current
ADJ Pin Voltage
Quiescent Current
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
TJ = 25°C, unless otherwise noted.
OUTPUT CURRENT (mA)
600
300
350
400
450
550
500
250
3050 G01
0
50
100
150
200
0
10 20 30 40
50 60 70 80 90 100
TJ ≤ 125°C
TJ ≤ 25°C
OUTPUT CURRENT (mA)
600
300
350
400
450
550
500
250
3050 G02
0
50
100
150
200
0
10 20 30 40
50 60 70 80 90 100
TJ = 125°C
=TEST POINTS
TJ = 25°C
TEMPERATURE (°C)
–75
0
450
500
550
400
350
300
250
200
150
100
50
600
–50
75 100 125 150 175
–25 0
25
3050 G03
50
IL = 100mA
IL = 50mA
IL = 10mA
IL = 1mA
TEMPERATURE (°C)
–75
0
50
60
70
40
30
20
10
80
–50
75 100 125 150 175
–25 0
25
3050 G04
50
VIN = VSHDN = 12V
VOUT = 5V
IL = 5μA
VIN = 12V
ALL OTHER PINS = 0V
VIN (V)
100
50
60
80
70
90
40
30
3050 G06
0
10
20
0
5
10
15
20
25
30
35
40
45
LT3050-5
LT3050-3.3
VSHDN = 0V, RL = 0
TJ = 25°C
ILOAD = 10μA
TEMPERATURE (°C)
–75
588
606
608
610
604
602
600
598
596
594
592
590
612
–50
75 100 125 150 175
–25 0
25
3050 G05
50
ILOAD = 1mA
INPUT VOLTAGE (V)
2.50
1.50
1.75
2.00
2.25
1.25
3050 G07a
0
0.25
0.50
0.75
1.00
0
1
2
3
4567
8
9 10 11 12
RL = 33Ω, IL = 100mA
RL = 66Ω, IL = 50mA
RL = 330Ω, IL = 10mA
RL = 3.3k, IL = 1mA
GND Pin Current LT3050-3.3
TEMPERATURE (°C)
–75
3.234
3.333
3.344
3.355
3.322
3.311
3.300
3.289
3.278
3.267
3.256
3.245
3.366
–50
75 100 125 150 175
–25 0
25
3050 G05a
50
ILOAD = 1mA
Output Voltage LT3050-3.3
TEMPERATURE (°C)
–75
4.900
5.100
5.075
5.050
5.025
5.000
4.975
4.950
4.925
–50
75 100 125 150 175
–25 0
25
3050 G05b
50
ILOAD = 1mA
Output Voltage LT3050-5


Similar Part No. - LT3050IDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050IDDB LINER-LT3050IDDB Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IDDBPBF LINER-LT3050IDDBPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IDDBTR LINER-LT3050IDDBTR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IDDBTRPBF LINER-LT3050IDDBTRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050IDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com