Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1793240000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1793240000
Description  SC 3.81/2/90G3.2SN GN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1793240000 Datasheet(HTML) 3 Page - Weidmuller

  1793240000 Datasheet HTML 1Page - Weidmuller 1793240000 Datasheet HTML 2Page - Weidmuller 1793240000 Datasheet HTML 3Page - Weidmuller 1793240000 Datasheet HTML 4Page - Weidmuller 1793240000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors,
solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90G
- 3 -
1942020000
SC 3.81/2/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 2, 90°, Box
1793130000
SC 3.81/2/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 2, 90°, Box
1942040000
SC 3.81/3/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 3, 90°, Box
1793140000
SC 3.81/3/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 3, 90°, Box
1793250000
SC 3.81/3/90G3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 3, 90°, Box
1942070000
SC 3.81/4/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 4, 90°, Box
1793150000
SC 3.81/4/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 4, 90°, Box
1793260000
SC 3.81/4/90G3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 4, 90°, Box
1942090000
SC 3.81/5/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 5, 90°, Box
1793160000
SC 3.81/5/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 5, 90°, Box
1793270000
SC 3.81/5/90G3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 5, 90°, Box
1942100000
SC 3.81/6/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 6, 90°, Box
1793170000
SC 3.81/6/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 6, 90°, Box
1793280000
SC 3.81/6/90G3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 6, 90°, Box
1942120000
SC 3.81/7/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 7, 90°, Box
1942350000
SC 3.81/7/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 7, 90°, Box
1942260000
SC 3.81/7/90G3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 7, 90°, Box
1942130000
SC 3.81/8/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 8, 90°, Box
1793180000
SC 3.81/8/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 8, 90°, Box
1793290000
SC 3.81/8/90G3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 8, 90°, Box
1942140000
SC 3.81/9/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 9, 90°, Box
1942360000
SC 3.81/9/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 9, 90°, Box
1942270000
SC 3.81/9/90G3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 9, 90°, Box
1942150000
SC 3.81/10/90G3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 10, 90°, Box
1793190000
SC 3.81/10/90G3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 10, 90°, Box
1793300000
SC 3.81/10/90G3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 10, 90°, Box


Similar Part No. - 1793240000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793240000 WEIDMULLER-1793240000 Datasheet
88Kb / 5P
   PCB connection systems
More results

Similar Description - 1793240000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793290000 WEIDMULLER-1793290000 Datasheet
88Kb / 5P
   SC 3.81/8/90G3.2SN GN
1793300000 WEIDMULLER-1793300000 Datasheet
88Kb / 5P
   SC 3.81/10/90G3.2SN GN
1793280000 WEIDMULLER-1793280000 Datasheet
88Kb / 5P
   SC 3.81/6/90G3.2SN GN
1793250000 WEIDMULLER-1793250000 Datasheet
88Kb / 5P
   SC 3.81/3/90G3.2SN GN
1793270000 WEIDMULLER-1793270000 Datasheet
88Kb / 5P
   SC 3.81/5/90G3.2SN GN
1793790000 WEIDMULLER-1793790000 Datasheet
85Kb / 5P
   SC 3.81/2/180F3.2SN GN
1793610000 WEIDMULLER-1793610000 Datasheet
81Kb / 5P
   SC 3.81/2/180G3.2SN GN
1793630000 WEIDMULLER-1793630000 Datasheet
81Kb / 5P
   SC 3.81/4/180G3.2SN GN
1793640000 WEIDMULLER-1793640000 Datasheet
81Kb / 5P
   SC 3.81/5/180G3.2SN GN
1793430000 WEIDMULLER-1793430000 Datasheet
82Kb / 5P
   SC 3.81/3/90F3.2SN GN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com