Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3050IMSE-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3050IMSE-5
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050IMSE-5 Datasheet(HTML) 1 Page - Linear Technology

  LT3050IMSE-5 Datasheet HTML 1Page - Linear Technology LT3050IMSE-5 Datasheet HTML 2Page - Linear Technology LT3050IMSE-5 Datasheet HTML 3Page - Linear Technology LT3050IMSE-5 Datasheet HTML 4Page - Linear Technology LT3050IMSE-5 Datasheet HTML 5Page - Linear Technology LT3050IMSE-5 Datasheet HTML 6Page - Linear Technology LT3050IMSE-5 Datasheet HTML 7Page - Linear Technology LT3050IMSE-5 Datasheet HTML 8Page - Linear Technology LT3050IMSE-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT3050 Series
1
3050fa
TYPICAL APPLICATION
DESCRIPTION
100mA, Linear Regulator
with Precision Current Limit
and Diagnostic Outputs
The LT®3050 series are micro-power, low noise, low
dropout voltage (LDO) linear regulators. The devices
supply 100mA of output current with a dropout voltage of
340mV. A 10nF bypass capacitor reduces output noise to
30μVRMS in a 10Hz to 100kHz bandwidth and soft-starts
the reference. The LT3050’s ±45V input voltage rating
combined with its precision current limit and diagnostic
functions make the IC an ideal choice for robust, high
reliability applications.
AsingleresistorprogramstheLT3050’scurrentlimit,accurate
to ±5% over a wide input voltage and temperature range.
A single resistor programs the LT3050’s minimum output
currentmonitor,usefulfordetectingopen-circuitconditions.
The current monitor function sources a current equal to
1/100th of output current. A logic FAULT pin asserts low if
the LT3050 is in current limit, operating below its minimum
output current (open-circuit) or is in thermal shutdown.
The LT3050 optimizes stability and transient response
with low ESR ceramic capacitors, requiring a minimum of
2.2μF. The LT3050 is available in fixed output voltages of
3.3V and 5V, and as an adjustable version with an output
voltage range down to the 0.6V reference.The LT3050 is
available in the thermally-enhanced 12-Lead 3mm × 2mm
DFN and MSOP packages.
5V Supply with 100mA Precision Current Limit, 10mA IMIN
FEATURES
APPLICATIONS
n Output Current Monitor: 1/100th of IOUT
n Fault Indicator: Current Limit, Minimum IOUT or
Thermal Limit
n Output Current: 100mA
n Dropout Voltage: 340mV
n Input Voltage Range: 1.6V to 45V
n Programmable Precision Current Limit: ±5%
n Programmable Minimum IOUT Monitor
n Low Noise: 30μVRMS (10Hz to 100kHz)
n Adjustable Output (VREF = VOUT(MIN) = 0.6V)
n Fixed Output Voltages: 3.3V, 5V
n Output Tolerance: ±2% Over Line, Load and Temperature
n Stable with Low ESR, Ceramic Output Capacitors
(2.2μF minimum)
n Shutdown Current: <1μA
n Reverse-Battery, Reverse-Output and
Reverse-Current Protection
n Thermal Limit Protection
n 12-Lead 3mm × 2mm DFN and MSOP Packages
n Protected Antenna Supplies
n Automotive Telematics
n Industrial Applications (Trucks, Forklifts, etc.)
n High Reliability Applications
External Current Limit RIMAX = 1.15k
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
1μF
12V
VIN
IN
IMON
IMAX
IMIN
FAULT
SHDN
GND
OUT
REF/BYP
LT3050-5
5V
2.2μF
0.1μF
10nF
3k
(ADC FULL SCALE = 3V)
TO μP ADC
0.1μF
11.3k
(THRESHOLD = 10mA)
10nF
1.15k
(THRESHOLD = 100mA)
120k
3050 TA01
TEMPERATURE (°C)
105
100
101
102
103
104
98
99
3050 TA01a
95
96
97
–75 –50 –25 0 –25 50 75 100 125 150 175
VIN = 5.6V
VIN = 12V
VIN = 15V
VOUT = 5V


Similar Part No. - LT3050IMSE-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050IMSE LINER-LT3050IMSE Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSEPBF LINER-LT3050IMSEPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETR LINER-LT3050IMSETR Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3050IMSETRPBF LINER-LT3050IMSETRPBF Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
More results

Similar Description - LT3050IMSE-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3050 LINER-LT3050_15 Datasheet
405Kb / 26P
   100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com